Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW50HF60SD Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGW50HF60SD
Description  60 A, 600 V, very low drop IGBT with soft and fast recovery diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW50HF60SD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGW50HF60SD Datasheet HTML 2Page - STMicroelectronics STGW50HF60SD Datasheet HTML 3Page - STMicroelectronics STGW50HF60SD Datasheet HTML 4Page - STMicroelectronics STGW50HF60SD Datasheet HTML 5Page - STMicroelectronics STGW50HF60SD Datasheet HTML 6Page - STMicroelectronics STGW50HF60SD Datasheet HTML 7Page - STMicroelectronics STGW50HF60SD Datasheet HTML 8Page - STMicroelectronics STGW50HF60SD Datasheet HTML 9Page - STMicroelectronics STGW50HF60SD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STGW50HF60SD
6/13
Doc ID 16818 Rev 2
Figure 8.
Gate charge vs gate-emitter voltage Figure 9.
Capacitance variations
Figure 10.
Switching losses vs collector
current
Figure 11.
Switching losses vs gate resistance
Figure 12.
Switching losses vs temperature
Figure 13.
Turn-off SOA
VGE
12
8
4
0
0
40
Qg(nC)
(V)
160
16
80
120
VCC=480V
IC=30A
200
AM08881v1
C
1000
100
10
0.1
10
VCE(V)
(pF)
1
100
Cies
Coes
Cres
f=1MHz
VGE=0
AM08882v1
E
100
5
15
IC(A)
(µJ)
10
20
1000
Eon
Eoff
25
VCC=400V, RG=10
Ω
VGE=15V, TJ=125°C
AM08883v1
E
100
0
40
RG(
Ω)
(µJ)
20
60
1000
Eon
Eoff
80
VCC=400V, IC=30A
VGE=15V, TJ=125°C
AM08884v1
E
100
25
75
TJ(°C)
(µJ)
50
100
1000
Eon
Eoff
VCC=400V, IC=30A
VGE=15V, RG=10
Ω
AM08885v1
IC
10
1
0.1
0.01
0.1
1
100
VCE(V)
10
(A)
RG=10Ω
VGE=15V
TJ=150°C
AM08886v1


Similar Part No. - STGW50HF60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW50H60DF STMICROELECTRONICS-STGW50H60DF Datasheet
1Mb / 12P
   50 A, 600 V field stop trench gate IGBT with Ultrafast diode
July 2012 Rev 5
More results

Similar Description - STGW50HF60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW45HF60WDI STMICROELECTRONICS-STGW45HF60WDI Datasheet
499Kb / 16P
   45 A, 600 V ultra fast IGBT with low drop diode
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
   31 A, 600 V, very fast IGBT with Ultrafast diode
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
December 2010
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
September 2016 Rev 5
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
   35 A, 600 V ultrafast IGBT with low drop diode
August 2011 Rev 3
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com