Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q3245PWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q3245PWR
Description  8 BIT FET BUS SWITCH 2.5-V/3.3V LOW VOLTAGE HIGH BAND WIDTH BUS SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3245PWR Datasheet(HTML) 2 Page - Texas Instruments

  SN74CB3Q3245PWR Datasheet HTML 1Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 2Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 3Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 4Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 5Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3245PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SN74CB3Q3245
8BIT FET BUS SWITCH
2.5V/3.3V LOW VOLTAGE HIGHBANDWIDTH BUS SWITCH
SCDS124B − JULY 2003 − REVISED NOVEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information
The SN74CB3Q3245 is a high-bandwidth FET bus switch utilizing a charge pump to elevate the gate voltage
of the pass transistor, providing a low and flat ON-state resistance (ron). The low and flat ON-state resistance
allows for minimal propagation delay and supports rail-to-rail switching on the data input/output (I/O) ports. The
device also features low data I/O capacitance to minimize capacitive loading and signal distortion on the data
bus. Specifically designed to support high-bandwidth applications, the SN74CB3Q3245 provides an optimized
interface solution ideally suited for broadband communications, networking, and data-intensive computing
systems.
The SN74CB3Q3245 is organized as an 8-bit bus switch with a single output-enable (OE) input. When OE is
low, the bus switch is ON and the A port is connected to the B port, allowing bidirectional data flow between ports.
When OE is high, the bus switch is OFF and a high-impedance state exists between the A and B ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry prevents damaging
current backflow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
SN74CB3Q3245RGYR
BU245
SSOP (QSOP) − DBQ
Tape and reel
SN74CB3Q3245DBQR
CB3Q3245
−40
°C to 85°C
TSSOP − PW
Tube
SN74CB3Q3245PW
BU245
−40
°C to 85°C
TSSOP − PW
Tape and reel
SN74CB3Q3245PWR
BU245
TVSOP − DGV
Tape and reel
SN74CB3Q3245DGVR
BU245
VFBGA − GQN
Tape and reel
SN74CB3Q3245GQNR
BU245
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
terminal assignments
1234
A
A1
NC
VCC
OE
B
A3
B2
A2
B1
C
A5
A4
B4
B3
D
A7
B6
A6
B5
E
GND
A8
B8
B7
NC − No internal connection
FUNCTION TABLE
INPUT
INPUT/OUTPUT
FUNCTION
INPUT
OE
INPUT/OUTPUT
A
FUNCTION
L
B
A port = B port
H
Z
Disconnect
GQN PACKAGE
(TOP VIEW)
1
234
A
B
C
D
E


Similar Part No. - SN74CB3Q3245PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3245PWR TI-SN74CB3Q3245PWR Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245PWR TI-SN74CB3Q3245PWR Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245PWRE4 TI-SN74CB3Q3245PWRE4 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245PWRG4 TI-SN74CB3Q3245PWRG4 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - SN74CB3Q3245PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3244 TI1-SN74CB3Q3244_15 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI1-SN74CB3Q3345_15 Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345_05 Datasheet
687Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_10 Datasheet
771Kb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345 Datasheet
225Kb / 11P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_1 Datasheet
429Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244_09 Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244 Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_2 Datasheet
428Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com