Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0349590340 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0349590340
Description  Mini50 Unsealed Receptacle, 3 Rows, with CPA, 34 Circuits, Polarization Option A,Black
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0349590340 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0349590340 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/18/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0349590340
Status:
Active
Overview:
Mini50™ Connection Systems
Description:
Mini50™ Unsealed Receptacle, 3 Rows, with CPA, 34 Circuits, Polarization Option A,
Black
Documents:
3D Model
Packaging Specification PK-31301-538 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34959-001-001 (PDF)
Product Literature (PDF)
Application Specification AS-34959-001-001 (PDF)
General
Product Family
Crimp Housings
Series
34959
Application
Power, Wire-to-Board
Overview
Mini50™ Connection Systems
Polarization
A
Product Literature Order No
987650-5442
Product Name
Mini50™
UPC
887191704418
Physical
Circuits (maximum)
34
Color - Resin
Black
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
5.524/g
Number of Rows
3
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.00mm
Pitch - Termination Interface
2.00mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-34959-001-001
Packaging Specification
PK-31301-538
Product Specification
PS-34959-001-001
Sales Drawing
SD-34959-030
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Relevant
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
34959 Series
Mates With
Mini50™ Vertical Headers 34958 , Mini50™
Right-Angle Header 34961
Use With
CTX50 Unsealed Terminals 560023
This document was generated on 04/18/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0349590340

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0349590341 MOLEX1-0349590341 Datasheet
53Kb / 1P
   Mini50??Unsealed Receptacle, 3 Rows, with CPA, 34 Circuits, Polarization Option B,Gray
0349590342 MOLEX1-0349590342 Datasheet
53Kb / 1P
   Mini50 Unsealed Receptacle, 3 Rows, with CPA, 34 Circuits, Polarization Option C, Dark Gray
0349590347 MOLEX1-0349590347 Datasheet
53Kb / 1P
   Mini50 Unsealed Receptacle, 3 Rows, 34 Circuits, Polarization Option A, Black
0349590348 MOLEX1-0349590348 Datasheet
53Kb / 1P
   Mini50 Unsealed Receptacle, 3 Rows, 34 Circuits, Polarization Option B, Gray
0349590349 MOLEX1-0349590349 Datasheet
53Kb / 1P
   Mini50 Unsealed Receptacle, 3 Rows, 34 Circuits, Polarization Option C, Dark Gray
More results

Similar Description - 0349590340

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0349590347 MOLEX1-0349590347 Datasheet
53Kb / 1P
   Mini50 Unsealed Receptacle, 3 Rows, 34 Circuits, Polarization Option A, Black
0349590341 MOLEX1-0349590341 Datasheet
53Kb / 1P
   Mini50??Unsealed Receptacle, 3 Rows, with CPA, 34 Circuits, Polarization Option B,Gray
0349590380 MOLEX1-0349590380 Datasheet
57Kb / 1P
   Mini50 Unsealed Receptacle, 3 Rows, with CPA, 38 Circuits, Polarization Option A,
0349590342 MOLEX1-0349590342 Datasheet
53Kb / 1P
   Mini50 Unsealed Receptacle, 3 Rows, with CPA, 34 Circuits, Polarization Option C, Dark Gray
0349590348 MOLEX1-0349590348 Datasheet
53Kb / 1P
   Mini50 Unsealed Receptacle, 3 Rows, 34 Circuits, Polarization Option B, Gray
0349590387 MOLEX1-0349590387 Datasheet
57Kb / 1P
   Mini50 Unsealed Receptacle, 3 Rows, 38 Circuits, Polarization Option A, Black
0349590381 MOLEX1-0349590381 Datasheet
57Kb / 1P
   Mini50 Unsealed Receptacle, 3 Rows, with CPA, 38 Circuits, Polarization Option B,Gray
0349590382 MOLEX1-0349590382 Datasheet
58Kb / 1P
   Mini50 Unsealed Receptacle, 3 Rows, with CPA, 38 Circuits, Polarization Option C, Dark Gray
0349590349 MOLEX1-0349590349 Datasheet
53Kb / 1P
   Mini50 Unsealed Receptacle, 3 Rows, 34 Circuits, Polarization Option C, Dark Gray
0349617341 MOLEX1-0349617341 Datasheet
52Kb / 2P
   Mini50 Unsealed Right Angle Hybrid Header, 3 Rows, 34 Circuit, Polarization Option Mini50??Unsealed Right Angle Hybrid Header, 3 Rows, 34 Circuit, Polarization Option
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com