Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0349671131 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0349671131
Description  Mini50 Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option A, Terminal Positions 1 and 10 Plugged, Black
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0349671131 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0349671131 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/13/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0349671131
Status:
Active
Overview:
Mini50™ Connection Systems
Description:
Mini50™ Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option A,
Terminal Positions 1 and 10 Plugged, Black
Documents:
Drawing (PDF)
Product Literature (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
34967
Application
Power, Sealed, Wire-to-Board
Overview
Mini50™ Connection Systems
Polarization
A
Product Literature Order No
987651-6273
Product Name
Mini50™ Sealed
UPC
191128178686
Physical
Circuits (maximum)
10
Color - Resin
Black
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
SPS/Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
1.80mm
Pitch - Termination Interface
1.80mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Material Info
Reference - Drawing Numbers
Sales Drawing
349671000-000
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
34967 Series
Mates With
Contact Molex for mating information.
Use With
CTX50 Sealed Receptacle Terminal
34905-2443 , 34905-2444
This document was generated on 04/13/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0349671131

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0349671121 MOLEX1-0349671121 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option A, Terminal Positions 2 and 9 Plugged, Black
0349671121 MOLEX-0349671121 Datasheet
41Kb / 1P
   Mini50??Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option A, Terminal Positions 2 and 9 Plugged, Black
0349671121 MOLEX-0349671121_V01 Datasheet
41Kb / 1P
   Mini50??Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option A, Terminal Positions 2 and 9 Plugged, Black
More results

Similar Description - 0349671131

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0349671121 MOLEX1-0349671121 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option A, Terminal Positions 2 and 9 Plugged, Black
0349671121 MOLEX-0349671121_V01 Datasheet
41Kb / 1P
   Mini50??Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option A, Terminal Positions 2 and 9 Plugged, Black
0349671001 MOLEX1-0349671001 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option A,Black
0349671005 MOLEX1-0349671005 Datasheet
40Kb / 1P
   Mini50 Sealed Receptacle, Single Row, without CPA, 10 Circuits, Polarization Option A, Black
0349671005 MOLEX-0349671005_V01 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, without CPA, 10 Circuits, Polarization Option A, Black
0349674021 MOLEX1-0349674021 Datasheet
39Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 4 Circuits, Polarization Option A, Terminal Position 2 Plugged, Black
0349674001 MOLEX1-0349674001 Datasheet
39Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 4 Circuits, Polarization Option A, Black
0349672001 MOLEX-0349672001 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 2 Circuits, Polarization Option A, Black
0349671002 MOLEX1-0349671002 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option B,Light Gray
0349671003 MOLEX1-0349671003 Datasheet
41Kb / 1P
   Mini50 Sealed Receptacle, Single Row, with CPA, 10 Circuits, Polarization Option C, Dark Gray
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com