Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25N01GVTBIT Datasheet(PDF) 4 Page - Winbond

Part # W25N01GVTBIT
Description  3V 1G-BIT SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25N01GVTBIT Datasheet(HTML) 4 Page - Winbond

  W25N01GVTBIT Datasheet HTML 1Page - Winbond W25N01GVTBIT Datasheet HTML 2Page - Winbond W25N01GVTBIT Datasheet HTML 3Page - Winbond W25N01GVTBIT Datasheet HTML 4Page - Winbond W25N01GVTBIT Datasheet HTML 5Page - Winbond W25N01GVTBIT Datasheet HTML 6Page - Winbond W25N01GVTBIT Datasheet HTML 7Page - Winbond W25N01GVTBIT Datasheet HTML 8Page - Winbond W25N01GVTBIT Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
W25N01GVxxIG/IT
- 3 -
10.1 
8-Pad WSON 8x6-mm (Package Code ZE) ....................................................................... 61 
10.2 
16-Pin SOIC 300-mil (Package Code SF).......................................................................... 62 
10.3 
24-Ball TFBGA 8x6-mm (Package Code TB, 5x5-1 Ball Array)......................................... 63 
10.4 
24-Ball TFBGA 8x6-mm (Package Code TC, 6x4 Ball Array)............................................ 64 
11. 
ORDERING INFORMATION ..........................................................................................................65 
11.1 
Valid Part Numbers and Top Side Marking ........................................................................ 66 
12. 
REVISION HISTORY...................................................................................................................... 67 


Similar Part No. - W25N01GVTBIT

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W2500EP KEYSIGHT-W2500EP Datasheet
1Mb / 6P
   Keysight EEsof EDA
W2500ET KEYSIGHT-W2500ET Datasheet
1Mb / 6P
   Keysight EEsof EDA
logo
Intronics Power, Inc.
W2530-12D12 INTRONICS-W2530-12D12 Datasheet
190Kb / 1P
   DC/DC MODULES
W2530-12D15 INTRONICS-W2530-12D15 Datasheet
190Kb / 1P
   DC/DC MODULES
W2530-12D5 INTRONICS-W2530-12D5 Datasheet
190Kb / 1P
   DC/DC MODULES
More results

Similar Description - W25N01GVTBIT

ManufacturerPart #DatasheetDescription
logo
Winbond
W25M02GVZEIG-TR WINBOND-W25M02GVZEIG-TR Datasheet
820Kb / 68P
   3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
logo
List of Unclassifed Man...
ATO25D1GA ETC-ATO25D1GA Datasheet
1Mb / 46P
   3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
Sep.2013. Rev 0.5
logo
Macronix International
MX30LF1G18AC-XKI MCNIX-MX30LF1G18AC-XKI Datasheet
971Kb / 73P
   3V, 1G-bit NAND Flash Memory
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
   3V 128M-bit serial flash memory with dual/quad spi
W25Q32JVSFIQ-TR WINBOND-W25Q32JVSFIQ-TR Datasheet
932Kb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
W25Q32JVTBIQ-TR WINBOND-W25Q32JVTBIQ-TR Datasheet
2Mb / 76P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
W25Q256JVEIQ-TR WINBOND-W25Q256JVEIQ-TR Datasheet
2Mb / 92P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25M02GW WINBOND-W25M02GW Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com