Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25M02GVTBIT Datasheet(PDF) 8 Page - Winbond

Part # 25M02GVTBIT
Description  3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

25M02GVTBIT Datasheet(HTML) 8 Page - Winbond

Back Button 25M02GVTBIT Datasheet HTML 4Page - Winbond 25M02GVTBIT Datasheet HTML 5Page - Winbond 25M02GVTBIT Datasheet HTML 6Page - Winbond 25M02GVTBIT Datasheet HTML 7Page - Winbond 25M02GVTBIT Datasheet HTML 8Page - Winbond 25M02GVTBIT Datasheet HTML 9Page - Winbond 25M02GVTBIT Datasheet HTML 10Page - Winbond 25M02GVTBIT Datasheet HTML 11Page - Winbond 25M02GVTBIT Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
W25M02GV
- 7 -
3. PACKAGE TYPES AND PIN CONFIGURATIONS
W25M02GV is offered in an 8-pad WSON 8x6-mm (package code ZE), and two 24-ball 8x6-mm TFBGA
(package code TB & TC) packages as shown in Figure 1a-b respectively. Package diagrams and
dimensions are illustrated at the end of this datasheet.
3.1 Pad Configuration WSON 8x6-mm
1
2
3
4
/CS
DO (IO
1)
/WP (IO
2)
GND
VCC
/HOLD (IO
3)
DI (IO
0)
CLK
Top View
8
7
6
5
Figure 1a. W25M02GV Pad Assignments, 8-pad WSON 8x6-mm (Package Code ZE)
3.2 Pad Description WSON 8x6-mm
PAD NO.
PAD NAME
I/O
FUNCTION
1
/CS
I
Chip Select Input
2
DO (IO1)
I/O
Data Output (Data Input Output 1)(1)
3
/WP (IO2)
I/O
Write Protect Input ( Data Input Output 2)(2)
4
GND
Ground
5
DI (IO0)
I/O
Data Input (Data Input Output 0)(1)
6
CLK
I
Serial Clock Input
7
/HOLD (IO3)
I/O
Hold Input (Data Input Output 3)(2)
8
VCC
Power Supply
Notes:
1. IO0 and IO1 are used for Standard and Dual SPI instructions
2. IO0 – IO3 are used for Quad SPI instructions, /WP & /HOLD functions are only available for Standard/Dual SPI.


Similar Part No. - 25M02GVTBIT

ManufacturerPart #DatasheetDescription
logo
Winbond
25M02GWTBIG WINBOND-25M02GWTBIG Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
25M02GWTBIT WINBOND-25M02GWTBIT Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
25M02GWTCIG WINBOND-25M02GWTCIG Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
25M02GWTCIT WINBOND-25M02GWTCIT Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
25M02GWZEIG WINBOND-25M02GWZEIG Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
More results

Similar Description - 25M02GVTBIT

ManufacturerPart #DatasheetDescription
logo
Winbond
W25N01GVZEIT-TR WINBOND-W25N01GVZEIT-TR Datasheet
933Kb / 68P
   3V 1G-BIT SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ
W25M02GW WINBOND-W25M02GW Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
logo
List of Unclassifed Man...
ATO25D1GA ETC-ATO25D1GA Datasheet
1Mb / 46P
   3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
Sep.2013. Rev 0.5
logo
Macronix International
MX30LF1G18AC-XKI MCNIX-MX30LF1G18AC-XKI Datasheet
971Kb / 73P
   3V, 1G-bit NAND Flash Memory
logo
Samsung semiconductor
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9G8G08U0A SAMSUNG-K9G8G08U0A Datasheet
1Mb / 45P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1M SAMSUNG-K9WAG08U1M Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
   3V 128M-bit serial flash memory with dual/quad spi
W25Q32JVSFIQ-TR WINBOND-W25Q32JVSFIQ-TR Datasheet
932Kb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com