Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25M02GVTCIT Datasheet(PDF) 6 Page - Winbond

Part # 25M02GVTCIT
Description  3V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ CONCURRENT OPERATIONS
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

25M02GVTCIT Datasheet(HTML) 6 Page - Winbond

Back Button 25M02GVTCIT Datasheet HTML 2Page - Winbond 25M02GVTCIT Datasheet HTML 3Page - Winbond 25M02GVTCIT Datasheet HTML 4Page - Winbond 25M02GVTCIT Datasheet HTML 5Page - Winbond 25M02GVTCIT Datasheet HTML 6Page - Winbond 25M02GVTCIT Datasheet HTML 7Page - Winbond 25M02GVTCIT Datasheet HTML 8Page - Winbond 25M02GVTCIT Datasheet HTML 9Page - Winbond 25M02GVTCIT Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
W25M02GV
- 5 -
Figure 25a. Fast Read Quad Output with 4-Byte Address Instruction (Buffer Read Mode, BUF=1) .......... 46
 
Figure 25b. Fast Read Quad Output with 4-Byte Address Instruction (Continuous Read Mode, BUF=0).. 46
 
Figure 26a. Fast Read Dual I/O Instruction (Buffer Read Mode, BUF=1)................................................... 47
 
Figure 26b. Fast Read Dual I/O Instruction (Continuous Read Mode, BUF=0) .......................................... 47
 
Figure 27a. Fast Read Dual I/O with 4-Byte Address Instruction (Buffer Read Mode, BUF=1).................. 48
 
Figure 27b. Fast Read Dual I/O with 4-Byte Address Instruction (Continuous Read Mode, BUF=0) ......... 48
 
Figure 28a. Fast Read Quad I/O Instruction (Buffer Read Mode, BUF=1) ................................................. 49
 
Figure 28b. Fast Read Quad I/O Instruction (Continuous Read Mode, BUF=0)......................................... 50
 
Figure 29a. Fast Read Quad I/O with 4-Byte Address Instruction (Buffer Read Mode, BUF=1) ................ 51
 
Figure 29b. Fast Read Quad I/O with 4-Byte Address Instruction (Continuous Read Mode, BUF=0)........ 52
 
Figure 30a. Power-up Timing and Voltage Levels ...................................................................................... 56
 
Figure 30b. Power-up, Power-Down Requirement...................................................................................... 56
 
Figure 31. AC Measurement I/O Waveform................................................................................................ 58
 


Similar Part No. - 25M02GVTCIT

ManufacturerPart #DatasheetDescription
logo
Winbond
25M02GWTBIG WINBOND-25M02GWTBIG Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
25M02GWTBIT WINBOND-25M02GWTBIT Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
25M02GWTCIG WINBOND-25M02GWTCIG Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
25M02GWTCIT WINBOND-25M02GWTCIT Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
25M02GWZEIG WINBOND-25M02GWZEIG Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
More results

Similar Description - 25M02GVTCIT

ManufacturerPart #DatasheetDescription
logo
Winbond
W25N01GVZEIT-TR WINBOND-W25N01GVZEIT-TR Datasheet
933Kb / 68P
   3V 1G-BIT SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ
W25M02GW WINBOND-W25M02GW Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
logo
List of Unclassifed Man...
ATO25D1GA ETC-ATO25D1GA Datasheet
1Mb / 46P
   3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
Sep.2013. Rev 0.5
logo
Macronix International
MX30LF1G18AC-XKI MCNIX-MX30LF1G18AC-XKI Datasheet
971Kb / 73P
   3V, 1G-bit NAND Flash Memory
logo
Samsung semiconductor
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9G8G08U0A SAMSUNG-K9G8G08U0A Datasheet
1Mb / 45P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1M SAMSUNG-K9WAG08U1M Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
   3V 128M-bit serial flash memory with dual/quad spi
W25Q32JVSFIQ-TR WINBOND-W25Q32JVSFIQ-TR Datasheet
932Kb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com