Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q32DWSSIG-TR Datasheet(PDF) 10 Page - Winbond

Part # W25Q32DWSSIG-TR
Description  1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32DWSSIG-TR Datasheet(HTML) 10 Page - Winbond

Back Button W25Q32DWSSIG-TR Datasheet HTML 6Page - Winbond W25Q32DWSSIG-TR Datasheet HTML 7Page - Winbond W25Q32DWSSIG-TR Datasheet HTML 8Page - Winbond W25Q32DWSSIG-TR Datasheet HTML 9Page - Winbond W25Q32DWSSIG-TR Datasheet HTML 10Page - Winbond W25Q32DWSSIG-TR Datasheet HTML 11Page - Winbond W25Q32DWSSIG-TR Datasheet HTML 12Page - Winbond W25Q32DWSSIG-TR Datasheet HTML 13Page - Winbond W25Q32DWSSIG-TR Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
W25Q32DW
- 10 -
9.
FUNCTIONAL DESCRIPTION
9.1
SPI/QPI OPERATIONS
Figure 3. W25Q32DW Serial Flash Memory Operation Diagram
9.1.1
Standard SPI Instructions
The W25Q32DW is accessed through an SPI compatible bus consisting of four signals: Serial Clock
(CLK), Chip Select (/CS), Serial Data Input (DI) and Serial Data Output (DO). Standard SPI instructions
use the DI input pin to serially write instructions, addresses or data to the device on the rising edge of CLK.
The DO output pin is used to read data or status from the device on the falling edge of CLK.
SPI bus operation Mode 0 (0,0) and 3 (1,1) are supported. The primary difference between Mode 0 and
Mode 3 concerns the normal state of the CLK signal when the SPI bus master is in standby and data is
not being transferred to the Serial Flash. For Mode 0, the CLK signal is normally low on the falling and
rising edges of /CS. For Mode 3, the CLK signal is normally high on the falling and rising edges of /CS.
9.1.2
Dual SPI Instructions
The W25Q32DW supports Dual SPI operation when using instructions such as
“Fast Read Dual Output
(3Bh)” and “Fast Read Dual I/O (BBh)”. These instructions allow data to be transferred to or from the
device at two to three times the rate of ordinary Serial Flash devices. The Dual SPI Read instructions are
ideal for quickly downloading code to RAM upon power-up (code-shadowing) or for executing non-speed-
critical code directly from the SPI bus (XIP). When using Dual SPI instructions, the DI and DO pins
become bidirectional I/O pins: IO0 and IO1.
Power On
Standard SPI
Dual SPI
Quad SPI
operations
QPI
operations
Device
Initialization
Enable QPI (38h)
Disable QPI (FFh)
Reset (66h + 99h)
Reset (66h + 99h)
Power On
Standard SPI
Dual SPI
Quad SPI
operations
QPI
operations
Device
Initialization
Enable QPI (38h)
Disable QPI (FFh)
Reset (66h + 99h)
Reset (66h + 99h)


Similar Part No. - W25Q32DWSSIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q32DWSSIG WINBOND-W25Q32DWSSIG Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DWSSIG WINBOND-W25Q32DWSSIG Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results

Similar Description - W25Q32DWSSIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q32DW WINBOND-W25Q32DW Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW_12 Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FWZPIG-TR WINBOND-W25Q32FWZPIG-TR Datasheet
3Mb / 94P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FVTBIG-TR WINBOND-W25Q32FVTBIG-TR Datasheet
2Mb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16FWUUIQ-TR WINBOND-W25Q16FWUUIQ-TR Datasheet
1Mb / 90P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DW WINBOND-W25Q16DW_12 Datasheet
1Mb / 85P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DWSSIG-TR WINBOND-W25Q16DWSSIG-TR Datasheet
1Mb / 84P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com