Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q32FVSSIF Datasheet(PDF) 6 Page - Winbond

Part # W25Q32FVSSIF
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32FVSSIF Datasheet(HTML) 6 Page - Winbond

Back Button W25Q32FVSSIF Datasheet HTML 2Page - Winbond W25Q32FVSSIF Datasheet HTML 3Page - Winbond W25Q32FVSSIF Datasheet HTML 4Page - Winbond W25Q32FVSSIF Datasheet HTML 5Page - Winbond W25Q32FVSSIF Datasheet HTML 6Page - Winbond W25Q32FVSSIF Datasheet HTML 7Page - Winbond W25Q32FVSSIF Datasheet HTML 8Page - Winbond W25Q32FVSSIF Datasheet HTML 9Page - Winbond W25Q32FVSSIF Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 99 page
background image
W25Q32FV
- 5 -
1. GENERAL DESCRIPTIONS
The W25Q32FV (32M-bit) Serial Flash memory provides a storage solution for systems with limited
space, pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial Flash
devices. They are ideal for code shadowing to RAM, executing code directly from Dual/Quad SPI (XIP)
and storing voice, text and data. The device operates on a single 2.7V to 3.6V power supply with current
consumption as low as 4mA active and 1µA for power-down. All devices are offered in space-saving
packages.
The W25Q32FV array is organized into 16,384 programmable pages of 256-bytes each. Up to 256 bytes
can be programmed at a time. Pages can be erased in groups of 16 (4KB sector erase), groups of 128
(32KB block erase), groups of 256 (64KB block erase) or the entire chip (chip erase). The W25Q32FV has
1,024 erasable sectors and 64 erasable blocks respectively. The small 4KB sectors allow for greater
flexibility in applications that require data and parameter storage. (See Figure 2.)
The W25Q32FV support the standard Serial Peripheral Interface (SPI), Dual/Quad I/O SPI as well as 2-
clocks instruction cycle Quad Peripheral Interface (QPI): Serial Clock, Chip Select, Serial Data I/O0 (DI),
I/O1 (DO), I/O2 (/WP), and I/O3 (/HOLD). SPI clock frequencies of up to 104MHz are supported allowing
equivalent clock rates of 208MHz (104MHz x 2) for Dual I/O and 416MHz (104MHz x 4) for Quad I/O when
using the Fast Read Dual/Quad I/O and QPI instructions. These transfer rates can outperform standard
Asynchronous 8 and 16-bit Parallel Flash memories. The Continuous Read Mode allows for efficient
memory access with as few as 8-clocks of instruction-overhead to read a 24-bit address, allowing true XIP
(execute in place) operation.
A Hold pin, Write Protect pin and programmable write protection, with top or bottom array control, provide
further control flexibility. Additionally, the device supports JEDEC standard manufacturer and device ID
and SFDP Register, a 64-bit Unique Serial Number and three 256-bytes Security Registers.
2. FEATURES
 New Family of SpiFlash Memories
– W25Q32FV: 32M-bit / 4M-byte
– Standard SPI: CLK, /CS, DI, DO, /WP, /Hold
– Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold
– Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3
– QPI: CLK, /CS, IO0, IO1, IO2, IO3
– Software & Hardware Reset
 Highest Performance Serial Flash
– 104MHz Single, Dual/Quad SPI clocks
– 208/416MHz equivalent Dual/Quad SPI
– 50MB/S continuous data transfer rate
– More than 100,000 erase/program cycles
– More than 20-year data retention
 Efficient “Continuous Read” and QPI Mode
– Continuous Read with 8/16/32/64-Byte Wrap
– As few as 8 clocks to address memory
– Quad Peripheral Interface (QPI) reduces
instruction overhead
– Allows true XIP (execute in place) operation
– Outperforms X16 Parallel Flash
 Low Power, Wide Temperature Range
– Single 2.7 to 3.6V supply
– 4mA active current, <1µA Power-down (typ.)
– -40°C to +85°C operating range
 Flexible Architecture with 4KB sectors
– Uniform Sector/Block Erase (4K/32K/64K-Byte)
– Program 1 to 256 byte per programmable page
– Erase/Program Suspend & Resume
 Advanced Security Features
– Software and Hardware Write-Protect
– Power Supply Lock-Down and OTP protection
– Top/Bottom, Complement array protection
– Individual Block/Sector array protection
– 64-Bit Unique ID for each device
– Discoverable Parameters (SFDP) Register
– 3X256-Bytes Security Registers with OTP locks
– Volatile & Non-volatile Status Register Bits
 Space Efficient Packaging
– 8-pin SOIC 208-mil / VSOP 208-mil
– 8-pad WSON 6x5-mm / 8x6-mm
– 16-pin SOIC 300-mil (additional /RESET pin)
– 8-pin PDIP 300-mil
– 24-ball TFBGA 8x6-mm (6x4/5x5 ball array)
– Contact Winbond for KGD and other options


Similar Part No. - W25Q32FVSSIF

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q32FVSSIF WINBOND-W25Q32FVSSIF Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results

Similar Description - W25Q32FVSSIF

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW_12 Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DWSSIG-TR WINBOND-W25Q32DWSSIG-TR Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FWZPIG-TR WINBOND-W25Q32FWZPIG-TR Datasheet
3Mb / 94P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32JVSFIQ-TR WINBOND-W25Q32JVSFIQ-TR Datasheet
932Kb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
W25Q32JVTBIQ-TR WINBOND-W25Q32JVTBIQ-TR Datasheet
2Mb / 76P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
W25Q256FVBIF-TR WINBOND-W25Q256FVBIF-TR Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FVSIF-TR WINBOND-W25Q128FVSIF-TR Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com