Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q32JVSSIQ Datasheet(PDF) 7 Page - Winbond

Part # W25Q32JVSSIQ
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32JVSSIQ Datasheet(HTML) 7 Page - Winbond

Back Button W25Q32JVSSIQ Datasheet HTML 3Page - Winbond W25Q32JVSSIQ Datasheet HTML 4Page - Winbond W25Q32JVSSIQ Datasheet HTML 5Page - Winbond W25Q32JVSSIQ Datasheet HTML 6Page - Winbond W25Q32JVSSIQ Datasheet HTML 7Page - Winbond W25Q32JVSSIQ Datasheet HTML 8Page - Winbond W25Q32JVSSIQ Datasheet HTML 9Page - Winbond W25Q32JVSSIQ Datasheet HTML 10Page - Winbond W25Q32JVSSIQ Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
W25Q32JV
Publication Release Date: August 30, 2016
- 6 -
Revision C
3.4
Pin Configuration SOIC 300-mil
Figure 1c. W25Q32JV Pin Assignments, 16-pin SOIC 300-mil (Package Code SF)
3.5
Pin Description SOIC 300-mil
PIN NO.
PIN NAME
I/O
FUNCTION
1
IO3
I/O
Data Input Output 3(2)
2
VCC
Power Supply
3
/RESET
I
Reset Input(3)
4
N/C
No Connect
5
N/C
No Connect
6
N/C
No Connect
7
/CS
I
Chip Select Input
8
DO (IO1)
I/O
Data Output (Data Input Output 1)(1)
9
IO2
I/O
Data Input Output 2(2)
10
GND
Ground
11
N/C
No Connect
12
N/C
No Connect
13
N/C
No Connect
14
N/C
No Connect
15
DI (IO0)
I/O
Data Input (Data Input Output 0)(1)
16
CLK
I
Serial Clock Input
Notes:
1. IO0 and IO1 are used for Standard and Dual SPI instructions.
2. IO0
– IO3 are used for Quad SPI instructions.
3. The /RESET pin is a dedicated hardware reset pin regardless of device settings or operation states. If the hardware reset function
is not used, this pin can be left floating or connected to VCC in the system.
1
2
3
4
/CS
DO (IO1)
IO2
GND
VCC
IO3
DI (IO0)
CLK
Top View
NC
/RESET
NC
NC
NC
NC
NC
NC
5
6
7
8
10
9
11
12
13
14
15
16


Similar Part No. - W25Q32JVSSIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q32JVSSIQ WINBOND-W25Q32JVSSIQ Datasheet
932Kb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
More results

Similar Description - W25Q32JVSSIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q32JVSFIQ-TR WINBOND-W25Q32JVSFIQ-TR Datasheet
932Kb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32BV WINBOND-W25Q32BV Datasheet
1Mb / 79P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q32FVTBIG-TR WINBOND-W25Q32FVTBIG-TR Datasheet
2Mb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32BV WINBOND-W25Q32BV_13 Datasheet
1Mb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q32V WINBOND-W25Q32V Datasheet
1Mb / 61P
   32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
   3V 128M-bit serial flash memory with dual/quad spi
W25Q256JVEIQ-TR WINBOND-W25Q256JVEIQ-TR Datasheet
2Mb / 92P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com