Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q32JVSFIQ Datasheet(PDF) 8 Page - Winbond

Part # W25Q32JVSFIQ
Description  3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32JVSFIQ Datasheet(HTML) 8 Page - Winbond

Back Button W25Q32JVSFIQ Datasheet HTML 4Page - Winbond W25Q32JVSFIQ Datasheet HTML 5Page - Winbond W25Q32JVSFIQ Datasheet HTML 6Page - Winbond W25Q32JVSFIQ Datasheet HTML 7Page - Winbond W25Q32JVSFIQ Datasheet HTML 8Page - Winbond W25Q32JVSFIQ Datasheet HTML 9Page - Winbond W25Q32JVSFIQ Datasheet HTML 10Page - Winbond W25Q32JVSFIQ Datasheet HTML 11Page - Winbond W25Q32JVSFIQ Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
W25Q32JV
- 7 -
3.6
Ball Configuration TFBGA 8x6-mm (6x4 Ball Array)
Figure 1d. W25Q32JV Ball Assignments, 24-ball TFBGA 8x6-mm (Package Code TC)
3.7
Ball Description TFBGA 8x6-mm
BALL NO.
PIN NAME
I/O
FUNCTION
A4
/RESET
I
Reset Input(3)
B2
CLK
I
Serial Clock Input
B3
GND
Ground
B4
VCC
Power Supply
C2
/CS
I
Chip Select Input
C4
IO2
I/O
Data Input Output 2(2)
D2
DO (IO1)
I/O
Data Output (Data Input Output 1)(1)
D3
DI (IO0)
I/O
Data Input (Data Input Output 0)(1)
D4
IO3
I/O
Data Input Output 3(2)
Multiple
NC
No Connect
Notes:
1. IO0 and IO1 are used for Standard and Dual SPI instructions
2. IO0
– IO3 are used for Quad SPI instructions.
3. The /RESET pin is a dedicated hardware reset pin regardless of device settings or operation states.
If the hardware reset function is not used, this pin can be left floating or connected to VCC in the system


Similar Part No. - W25Q32JVSFIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q32JVSFIQ WINBOND-W25Q32JVSFIQ Datasheet
932Kb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
W25Q32JVSFIQ-TR WINBOND-W25Q32JVSFIQ-TR Datasheet
932Kb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
More results

Similar Description - W25Q32JVSFIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q32JVSFIQ-TR WINBOND-W25Q32JVSFIQ-TR Datasheet
932Kb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32BV WINBOND-W25Q32BV Datasheet
1Mb / 79P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q32FVTBIG-TR WINBOND-W25Q32FVTBIG-TR Datasheet
2Mb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32BV WINBOND-W25Q32BV_13 Datasheet
1Mb / 78P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q32V WINBOND-W25Q32V Datasheet
1Mb / 61P
   32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
   3V 128M-bit serial flash memory with dual/quad spi
W25Q256JVEIQ-TR WINBOND-W25Q256JVEIQ-TR Datasheet
2Mb / 92P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com