Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q16DWBYIG Datasheet(PDF) 10 Page - Winbond

Part # W25Q16DWBYIG
Description  1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16DWBYIG Datasheet(HTML) 10 Page - Winbond

Back Button W25Q16DWBYIG Datasheet HTML 6Page - Winbond W25Q16DWBYIG Datasheet HTML 7Page - Winbond W25Q16DWBYIG Datasheet HTML 8Page - Winbond W25Q16DWBYIG Datasheet HTML 9Page - Winbond W25Q16DWBYIG Datasheet HTML 10Page - Winbond W25Q16DWBYIG Datasheet HTML 11Page - Winbond W25Q16DWBYIG Datasheet HTML 12Page - Winbond W25Q16DWBYIG Datasheet HTML 13Page - Winbond W25Q16DWBYIG Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
W25Q16DW
- 10 -
5. BLOCK DIAGRAM
Figure 2. W25Q16DW Serial Flash Memory Block Diagram
00FF00h
00FFFFh
Block 0 (64KB)
000000h
0000FFh
7FF00h
7FFFFh
Block 7 (64KB)
70000h
700FFh
8FF00h
8FFFFh
Block 8 (64KB)
80000h
800FFh
FFF00h
FFFFFh
Block 15 (64KB)
F0000h
F00FFh
10FF00h
10FFFFh
Block 16 (64KB)
100000h
1000FFh
1FFF00h
1FFFFFh
Block 31 (64KB)
1F0000h
1F00FFh
003000h
0030FFh
002000h
0020FFh
001000h
0010FFh
000000h
0000FFh
Column Decode
And 256-Byte Page Buffer
Beginning
Page Address
Ending
Page Address
SPI
Command &
Control Logic
Byte Address
Latch / Counter
Status
Register
Write Control
Logic
Page Address
Latch / Counter
DO (IO
1)
DI (IO
0)
/CS
CLK
/HOLD (IO
3)
/WP (IO
2)
High Voltage
Generators
xx0F00h
xx0FFFh
Sector 0 (4KB)
xx0000h
xx00FFh
xx1F00h
xx1FFFh
Sector 1 (4KB)
xx1000h
xx10FFh
xx2F00h
xx2FFFh
Sector 2 (4KB)
xx2000h
xx20FFh
xxDF00h
xxDFFFh
Sector 13 (4KB)
xxD000h
xxD0FFh
xxEF00h
xxEFFFh
Sector 14 (4KB)
xxE000h
xxE0FFh
xxFF00h
xxFFFFh
Sector 15 (4KB)
xxF000h
xxF0FFh
Block Segmentation
Data
Security Register 3 - 0
00FF00h
00FFFFh
Block 0 (64KB)
000000h
0000FFh
7FF00h
7FFFFh
Block 7 (64KB)
70000h
700FFh
8FF00h
8FFFFh
Block 8 (64KB)
80000h
800FFh
FFF00h
FFFFFh
Block 15 (64KB)
F0000h
F00FFh
10FF00h
10FFFFh
Block 16 (64KB)
100000h
1000FFh
1FFF00h
1FFFFFh
Block 31 (64KB)
1F0000h
1F00FFh
003000h
0030FFh
002000h
0020FFh
001000h
0010FFh
000000h
0000FFh
Column Decode
And 256-Byte Page Buffer
Beginning
Page Address
Ending
Page Address
SPI
Command &
Control Logic
Byte Address
Latch / Counter
Status
Register
Write Control
Logic
Page Address
Latch / Counter
DO (IO
1)
DI (IO
0)
/CS
CLK
/HOLD (IO
3)
/WP (IO
2)
High Voltage
Generators
xx0F00h
xx0FFFh
Sector 0 (4KB)
xx0000h
xx00FFh
xx1F00h
xx1FFFh
Sector 1 (4KB)
xx1000h
xx10FFh
xx2F00h
xx2FFFh
Sector 2 (4KB)
xx2000h
xx20FFh
xxDF00h
xxDFFFh
Sector 13 (4KB)
xxD000h
xxD0FFh
xxEF00h
xxEFFFh
Sector 14 (4KB)
xxE000h
xxE0FFh
xxFF00h
xxFFFFh
Sector 15 (4KB)
xxF000h
xxF0FFh
Block Segmentation
Data
Security Register 3 - 0


Similar Part No. - W25Q16DWBYIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DWBYIG WINBOND-W25Q16DWBYIG Datasheet
1Mb / 85P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results

Similar Description - W25Q16DWBYIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16FWUUIQ-TR WINBOND-W25Q16FWUUIQ-TR Datasheet
1Mb / 90P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DW WINBOND-W25Q16DW_12 Datasheet
1Mb / 85P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DW WINBOND-W25Q16DW Datasheet
1Mb / 83P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW_12 Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW_12 Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q40EW WINBOND-W25Q40EW Datasheet
1Mb / 80P
   1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
August 18, 2018Revision J
W25Q32DWSSIG-TR WINBOND-W25Q32DWSSIG-TR Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com