Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q80BWBYIC Datasheet(PDF) 10 Page - Winbond

Part # W25Q80BWBYIC
Description  1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80BWBYIC Datasheet(HTML) 10 Page - Winbond

Back Button W25Q80BWBYIC Datasheet HTML 6Page - Winbond W25Q80BWBYIC Datasheet HTML 7Page - Winbond W25Q80BWBYIC Datasheet HTML 8Page - Winbond W25Q80BWBYIC Datasheet HTML 9Page - Winbond W25Q80BWBYIC Datasheet HTML 10Page - Winbond W25Q80BWBYIC Datasheet HTML 11Page - Winbond W25Q80BWBYIC Datasheet HTML 12Page - Winbond W25Q80BWBYIC Datasheet HTML 13Page - Winbond W25Q80BWBYIC Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
W25Q80BW
- 10 -
6.
FUNCTIONAL DESCRIPTION
6.1
SPI OPERATIONS
6.1.1
Standard SPI Instructions
The W25Q80BW is accessed through an SPI compatible bus consisting of four signals: Serial Clock
(CLK), Chip Select (/CS), Serial Data Input (DI) and Serial Data Output (DO). Standard SPI instructions
use the DI input pin to serially write instructions, addresses or data to the device on the rising edge of
CLK. The DO output pin is used to read data or status from the device on the falling edge CLK.
SPI bus operation Mode 0 (0,0) and 3 (1,1) are supported. The primary difference between Mode 0 and
Mode 3 concerns the normal state of the CLK signal when the SPI bus master is in standby and data is
not being transferred to the Serial Flash. For Mode 0, the CLK signal is normally low on the falling and
rising edges of /CS. For Mode 3, the CLK signal is normally high on the falling and rising edges of /CS.
6.1.2
Dual SPI Instructions
The W25Q80BW supports Dual SPI operation when using th
e “Fast Read Dual Output (3Bh)” and “Fast
Read Dual I/O (BBh)
” instructions. These instructions allow data to be transferred to or from the device at
two to three times the rate of ordinary Serial Flash devices. The Dual SPI Read instructions are ideal for
quickly downloading code to RAM upon power-up (code-shadowing) or for executing non-speed-critical
code directly from the SPI bus (XIP). When using Dual SPI instructions, the DI and DO pins become
bidirectional I/O pins: IO0 and IO1.
6.1.3
Quad SPI Instructions
The W25Q80BW supports Quad SPI operation whe
n using the “Fast Read Quad Output (6Bh)”, “Fast
Read Quad I/O (EBh)
”, “Word Read Quad I/O (E7h)” and “Octal Word Read Quad I/O (E3h)” instructions.
These instructions allow data to be transferred to or from the device six to eight times the rate of ordinary
Serial Flash. The Quad Read instructions offer a significant improvement in continuous and random
access transfer rates allowing fast code-shadowing to RAM or execution directly from the SPI bus (XIP).
When using Quad SPI instructions the DI and DO pins become bidirectional IO0 and IO1, and the /WP
and /HOLD pins become IO2 and IO3 respectively. Quad SPI instructions require the non-volatile Quad
Enable bit (QE) in Status Register-2 to be set.
6.1.4
Hold Function
For Standard SPI and Dual SPI operations, the /HOLD signal allows the W25Q80BW operation to be
paused while it is actively selected (when /CS is low). The /HOLD function may be useful in cases where
the SPI data and clock signals are shared with other devices. For example, consider if the page buffer
was only partially written when a priority interrupt requires use of the SPI bus. In this case the /HOLD
function can save the state of the instruction and the data in the buffer so programming can resume where
it left off once the bus is available again. The /HOLD function is only available for standard SPI and Dual
SPI operation, not during Quad SPI.
To initiate a /HOLD condition, the device must be selected with /CS low. A /HOLD condition will activate on
the falling edge of the /HOLD signal if the CLK signal is already low. If the CLK is not already low the
/HOLD condition will activate after the next falling edge of CLK. The /HOLD condition will terminate on the
rising edge of the /HOLD signal if the CLK signal is already low. If the CLK is not already low the /HOLD
condition will terminate after the next falling edge of CLK. During a /HOLD condition, the Serial Data


Similar Part No. - W25Q80BWBYIC

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q80BWBYIC WINBOND-W25Q80BWBYIC Datasheet
1Mb / 74P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q80BWBYIC

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q80BW WINBOND-W25Q80BW_13 Datasheet
1Mb / 74P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BW WINBOND-W25Q80BW Datasheet
2Mb / 71P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80EW WINBOND-W25Q80EW Datasheet
1Mb / 80P
   1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
August 18, 2018Revision J
W25Q80BV WINBOND-W25Q80BV Datasheet
1Mb / 75P
   8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BVDAIG-TR WINBOND-W25Q80BVDAIG-TR Datasheet
1Mb / 74P
   8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BL WINBOND-W25Q80BL Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BL WINBOND-W25Q80BL_13 Datasheet
2Mb / 74P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80DVSNIG-TR WINBOND-W25Q80DVSNIG-TR Datasheet
2Mb / 71P
   3V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BV WINBOND-W25Q80BV_13 Datasheet
1Mb / 75P
   8M-BIT SERIAL FLASH MEMORY WIT DUAL AND QUAD SPI
W25Q20BW WINBOND-W25Q20BW Datasheet
2Mb / 70P
   1.8V 2M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com