Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X20CLUXIG-TR Datasheet(PDF) 10 Page - Winbond

Part # W25X20CLUXIG-TR
Description  2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X20CLUXIG-TR Datasheet(HTML) 10 Page - Winbond

Back Button W25X20CLUXIG-TR Datasheet HTML 6Page - Winbond W25X20CLUXIG-TR Datasheet HTML 7Page - Winbond W25X20CLUXIG-TR Datasheet HTML 8Page - Winbond W25X20CLUXIG-TR Datasheet HTML 9Page - Winbond W25X20CLUXIG-TR Datasheet HTML 10Page - Winbond W25X20CLUXIG-TR Datasheet HTML 11Page - Winbond W25X20CLUXIG-TR Datasheet HTML 12Page - Winbond W25X20CLUXIG-TR Datasheet HTML 13Page - Winbond W25X20CLUXIG-TR Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
W25X20CL
Publication Release Date: August 06, 2015
- 10 -
Revision F
8.
CONTROL AND STATUS REGISTERS
The Read Status Register instruction can be used to provide status on the availability of the Flash
memory array, if the device is write enabled or disabled, and the state of write protection. The Write
Status Register instruction can be used to configure the device write protection features.
8.1
STATUS REGISTER
8.1.1 BUSY
BUSY is a read only bit in the status register (S0) that is set to a 1 state when the device is executing a
Page Program, Sector Erase, Block Erase, Chip Erase or Write Status Register instruction. During this
time the device will ignore further instructions except for the Read Status Register instruction (see tW,
tPP, tSE, tBE, and tCE in AC Characteristics). When the program, erase or write status register instruction
has completed, the BUSY bit will be cleared to a 0 state indicating the device is ready for further
instructions.
8.1.2 Write Enable Latch (WEL)
Write Enable Latch (WEL) is a read only bit in the status register (S1) that is set to a 1 after executing a
Write Enable Instruction. The WEL status bit is cleared to a 0 when the device is write disabled. A write
disable state occurs upon power-up or after any of the following instructions finished: Write Disable,
Page Program, Sector Erase, Block Erase, Chip Erase and Write Status Register.
8.1.3 Block Protect Bits (BP1, BP0)
The Block Protect Bits (BP1 and BP0) are non-volatile read/write bits in the status register (S3 and S2)
that provide Write Protection control and status. Block Protect bits can be set using the Write Status
Register Instruction (see tW in AC characteristics). All, none or a portion of the memory array can be
protected from Program and Erase instructions (see Status Register Memory Protection table). The
factory default setting for the Block Protection Bits is 0, none of the array protected. The Block Protect
bits cannot be written to if the Status Register Protect (SRP) bit is set to 1 and the Write Protect (/WP)
pin is low.
8.1.4 Top/Bottom Block Protect (TB)
The Top/Bottom bit (TB) controls if the Block Protect Bits (BP1, BP0) protect from the Top (TB=0) or the
Bottom (TB=1) of the array as shown in the Status Register Memory Protection table. The TB bit is non-
volatile and the factory default setting is TB=0. The TB bit can be set with the Write Status Register
Instruction provided that the Write Enable instruction has been issued. The TB bit cannot be written to
if the Status Register Protect (SRP) bit is set to 1 and the Write Protect (/WP) pin is low.


Similar Part No. - W25X20CLUXIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X20CLUXIG WINBOND-W25X20CLUXIG Datasheet
1Mb / 51P
   2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results

Similar Description - W25X20CLUXIG-TR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X05CL WINBOND-W25X05CL Datasheet
1Mb / 51P
   2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com