Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X20CLSVIG Datasheet(PDF) 4 Page - Winbond

Part # W25X20CLSVIG
Description  2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X20CLSVIG Datasheet(HTML) 4 Page - Winbond

  W25X20CLSVIG Datasheet HTML 1Page - Winbond W25X20CLSVIG Datasheet HTML 2Page - Winbond W25X20CLSVIG Datasheet HTML 3Page - Winbond W25X20CLSVIG Datasheet HTML 4Page - Winbond W25X20CLSVIG Datasheet HTML 5Page - Winbond W25X20CLSVIG Datasheet HTML 6Page - Winbond W25X20CLSVIG Datasheet HTML 7Page - Winbond W25X20CLSVIG Datasheet HTML 8Page - Winbond W25X20CLSVIG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
W25X20CL
Publication Release Date: August 06, 2015
- 4 -
Revision F
1.
GENERAL DESCRIPTION
The W25X20CL (2M-bit) Serial Flash memories provide a storage solution for systems with limited
space, pins and power. The 25X series offers flexibility and performance well beyond ordinary Serial
Flash devices. They are ideal for code download applications as well as storing voice, text and data.
The devices operate on a single 2.3V to 3.6V power supply with current consumption as low as 1mA
active and 1µA for power-down. All devices are offered in space-saving packages.
The W25X20CL arrays are organized into 1,024 programmable pages of 256-bytes each. Up to 256
bytes can be programmed at a time. The W25X20CL have 64 erasable sectors, 2/4/8 erasable 32KB
blocks and 4 erasable 64KB blocks respectively. The small 4KB sectors allow for greater flexibility in
applications that require data and parameter storage. (See figure 2.)
The W25X20CL support the standard Serial Peripheral Interface (SPI), and a high performance dual
output as well as Dual I/O SPI: Serial Clock, Chip Select, Serial Data DI (I/O0), DO (I/O1). SPI clock
frequencies up to 104MHz are supported allowing equivalent clock rates of 208MHz when using the
Fast Read Dual Output instruction. These transfer rates are comparable to those of 8 and 16-bit
Parallel Flash memories. The Continuous Read Mode allows for efficient memory access with as few
as 16-clocks of instruction-overhead to read a 24-bit address, allowing true XIP (execute in place)
operation.
A Hold pin, Write Protect pin and programmable write protect, with top or bottom array control features,
provide further control flexibility. Additionally, the device supports JEDEC standard manufacturer and
device identification with a 64-bit Unique Serial Number.
2.
FEATURES
 Family of Serial Flash Memories
– W25X20CL: 2M-bit/256K-byte (262,144)
– 256-bytes per programmable page
– Uniform erasable 4KB, 32KB & 64KB regions.
 SPI with Single / Dual Outputs / I/O
– Standard SPI: CLK, /CS, DI, DO, /WP, /Hold
– Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold
 Data Transfer up to 208M-bits / second
– Clock operation to 104MHz
– 208MHz equivalent Dual I/O SPI
– Auto-increment Read capability
 Efficient “Continuous Read Mode”
– Low Instruction overhead
– Continuous Read
– As few as 16 clocks to address memory
– Allows true XIP (execute in place) operation
 Software and Hardware Write Protection
– Write-Protect all or portion of memory
– Enable/Disable protection with /WP pin
– Top or bottom array protection
 Flexible Architecture with 4KB sectors
– Uniform Sector/Block Erase (4/32/64-kbytes)
– Page program up to 256 bytes <1ms
– More than 100,000 erase/write cycles
– More than 20-year data retention
 Low Power, Wide Temperature Range
– Single 2.3V to 3.6V supply
– 1mA active current, <1µA Power-down(typ.)
– -40° to +85°C operating range
 Space Efficient Packaging
– 8-pin SOIC / VSOP 150-mil
– 8-pad WSON 6x5-mm
– 8-pad USON 2x3-mm
– Contact Winbond for KGD and other options


Similar Part No. - W25X20CLSVIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X20CLSVIG WINBOND-W25X20CLSVIG Datasheet
1Mb / 51P
   2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results

Similar Description - W25X20CLSVIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X05CL WINBOND-W25X05CL Datasheet
1Mb / 51P
   2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com