Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB-300 Datasheet(PDF) 2 Page - Total Power International

Part # PB-300
Description  300W Single Output Battery Charger
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

PB-300 Datasheet(HTML) 2 Page - Total Power International

  PB-300 Datasheet HTML 1Page - Total Power International PB-300 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
ChargingCurve
Authorized Distributor: Total Power International, Inc.
Toll Free: 877-646-0900
PH# 978-453-7272
www.total-power.com
CaseNo.801BUnit:mm
State
Vboost
14.4V
PB-300-12
28.8V
57.6V
PB-300-24
PB-300-48
VFLT
13.6V
27.2V
54.4V
ChargeCurrent
ConstantCurrent
stage1
stage2
stage3
ConstantVoltage
Start
ChargeVoltage
VFLT
100%
Red
Green
LEDCOLOR
boost
V
OutputLoadVSTemperature
40
50
60
30
20
25
-10
0
10
90
100
80
70
60
40
30
Airflow
direction
48.5
-V
54
127
5.5
+V
235
253
12
PWM
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
PASSIVEP.F.C.
POWER
SWITCHING
FILTER
PROTECTION
&
REVERSE
RECTIFIERS
POLARITY
+V
-V
I/P
FG
CONTROL
O.V.P.
FANON/OFF
CONTROL
O.C.P.
EXTERNAL CASETEMPERATURE(
)
RemoteControl(CN5):JST B2B-XHorequivalent
Assignment
PIN1,2Open:Normalwork
PIN1,2Short:StopCharging
MatingHousing
JST XHP
JST SXH-001T-P0.6
orequivalent
orequivalent
Terminal
BlockDiagram
300WSingleOutputBatteryCharger
PB-300 series
fosc:70KHz


Similar Part No. - PB-300

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-300 MEANWELL-PB-300 Datasheet
1Mb / 2P
   300W Single Output Battery Charger
PB-300 MEANWELL-PB-300 Datasheet
305Kb / 2P
   300W Single Output Battery Charger
PB-300-12 MEANWELL-PB-300-12 Datasheet
305Kb / 2P
   300W Single Output Battery Charger
PB-300-12 MEANWELL-PB-300-12 Datasheet
302Kb / 2P
   300W Single Output Battery Charger
PB-300-24 MEANWELL-PB-300-24 Datasheet
305Kb / 2P
   300W Single Output Battery Charger
More results

Similar Description - PB-300

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-300P-24 MEANWELL-PB-300P-24 Datasheet
160Kb / 2P
   300W Single Output Battery Charger
PB-300 MEANWELL-PB-300_10 Datasheet
305Kb / 2P
   300W Single Output Battery Charger
PB-300 MEANWELL-PB-300_11 Datasheet
302Kb / 2P
   300W Single Output Battery Charger
PB-300 MEANWELL-PB-300 Datasheet
1Mb / 2P
   300W Single Output Battery Charger
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
   120W Single Output Battery Charger
GC-220 TOTAL-POWER-GC-220 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC-160 TOTAL-POWER-GC-160 Datasheet
139Kb / 2P
   160W Single Output Battery Charger
logo
Mean Well Enterprises C...
PB-600 MEANWELL-PB-600 Datasheet
442Kb / 5P
   600W Single Output Battery Charger
PB-360 MEANWELL-PB-360 Datasheet
292Kb / 2P
   360W Single Output Battery Charger
GC220 MEANWELL-GC220_11 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com