Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF3NK80Z Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF3NK80Z
Description  N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF3NK80Z Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF3NK80Z Datasheet HTML 2Page - STMicroelectronics STF3NK80Z Datasheet HTML 3Page - STMicroelectronics STF3NK80Z Datasheet HTML 4Page - STMicroelectronics STF3NK80Z Datasheet HTML 5Page - STMicroelectronics STF3NK80Z Datasheet HTML 6Page - STMicroelectronics STF3NK80Z Datasheet HTML 7Page - STMicroelectronics STF3NK80Z Datasheet HTML 8Page - STMicroelectronics STF3NK80Z Datasheet HTML 9Page - STMicroelectronics STF3NK80Z Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
STP3NK80Z - STF3NK80Z - STD3NK80Z - STD3NK80Z-1
6/13
Maximum Avalanche Energy vs Temperature
Source-drain Diode Forward Characteristics
Normalized BVDSS vs Temperature


Similar Part No. - STF3NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF3NK80Z STMICROELECTRONICS-STF3NK80Z Datasheet
537Kb / 18P
   N-channel 800V - 3.8廓 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STF3NK80Z STMICROELECTRONICS-STF3NK80Z Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
logo
VBsemi Electronics Co.,...
STF3NK80Z VBSEMI-STF3NK80Z Datasheet
2Mb / 9P
   Power MOSFET
logo
STMicroelectronics
STF3NK80Z STMICROELECTRONICS-STF3NK80Z Datasheet
1Mb / 29P
   N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
Rev 7 April 2017
More results

Similar Description - STF3NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
   N-channel 800V - 3.8廓 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
   N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH??Power MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1 Datasheet
447Kb / 14P
   N-CHANNEL500V-1.22W-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH Power MOSFET
STP3NK60Z STMICROELECTRONICS-STP3NK60Z Datasheet
755Kb / 15P
   N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STB5NK50Z STMICROELECTRONICS-STB5NK50Z Datasheet
618Kb / 14P
   N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
STP4NK60Z STMICROELECTRONICS-STP4NK60Z Datasheet
759Kb / 16P
   N-CHANNEL600V-1.76ohm-4ATO-220/FP/DPAK/IPAK/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
   N-channel 900V - 5廓 - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
STF3NK100Z STMICROELECTRONICS-STF3NK100Z Datasheet
430Kb / 16P
   N-channel 1000V - 5.4廓 - 2.5A - TO-220 - TO-220FP - DPAK Zener-protected SuperMESH??Power MOSFET
STP5NK52ZD STMICROELECTRONICS-STP5NK52ZD Datasheet
396Kb / 17P
   N-channel 520V - 1.22廓 - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com