Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV9383 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV9383
Description  Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9383 Datasheet(HTML) 5 Page - STMicroelectronics

  STV9383 Datasheet HTML 1Page - STMicroelectronics STV9383 Datasheet HTML 2Page - STMicroelectronics STV9383 Datasheet HTML 3Page - STMicroelectronics STV9383 Datasheet HTML 4Page - STMicroelectronics STV9383 Datasheet HTML 5Page - STMicroelectronics STV9383 Datasheet HTML 6Page - STMicroelectronics STV9383 Datasheet HTML 7Page - STMicroelectronics STV9383 Datasheet HTML 8Page - STMicroelectronics STV9383 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
STV9383
Electrical Characteristics
5
Electrical Characteristics
TAMB = 25° C, VCC = ±12 V and fVERT = 50 Hz unless otherwise specified (refer to Figure 1)
Note 1. Input voltage = 0, measured after the filter (e.g. across the 470 nF filter capacitor)
2. Supply rejection of the positive or negative power supply. VCC ripple =1 VPP , f =100 Hz, measured
on the sense resistor.
3. Power dissipated in the circuit in the case of the application from Figure 1 and the current in the
deflection yoke adjusted to 2 APP. The corresponding power dissipated in the vertical deflection
yoke is 1.8 W.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
+VCC
Positive Supply Range
+10
+18
V
-VCC
Negative Supply Range
-18
-10
V
∆V
CC
Maximum recommended difference
between +VCC and |-VCC|
±4
V
VCCSTART
Low VCC Detection
±6.5
V
IQ
Quiescent Supply Current
Input Voltage = 0
14
mA
IY
Maximum Vertical Yoke Current
±1
A
I13, I12
Amplifier Input Bias Current
-0.1
µA
VOS
Output Offset Voltage
Note 1
-50
+50
mV
SVR
Supply Voltage Rejection
Note 2
82
dB
FlyTHR
Flyback Detection Threshold
(Positive Slope)
V(14)
1.5
V
FlyTHF
Flyback Detection Threshold
(Negative Slope)
V(14)
0.5
V
PD
Integrated Circuit
Dissipated Power
Note 3
0.85
W
fSW
Switching Frequency
RFREQ = 10 kΩ
120
140
160
kHz
fSW-OP
Switching Frequency Operative Range
100
200
kHz
RFREQ
Frequency Controller Resistor Range
Pin 10
7
10
14
k


Similar Part No. - STV9383

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9380 STMICROELECTRONICS-STV9380 Datasheet
62Kb / 7P
   CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
STV9380A STMICROELECTRONICS-STV9380A Datasheet
129Kb / 10P
   Class-D Vertical Deflection Amplifier for 2.5 Amp TV and Monitor Applications
STV9381 STMICROELECTRONICS-STV9381 Datasheet
116Kb / 8P
   CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
STV9382 STMICROELECTRONICS-STV9382 Datasheet
157Kb / 10P
   OPTIMWATTTM Class-D Vertical Deflection Amplifier for 1.5 Amp TV Applications
More results

Similar Description - STV9383

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9380A STMICROELECTRONICS-STV9380A Datasheet
129Kb / 10P
   Class-D Vertical Deflection Amplifier for 2.5 Amp TV and Monitor Applications
STV9380 STMICROELECTRONICS-STV9380 Datasheet
62Kb / 7P
   CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
STV9381 STMICROELECTRONICS-STV9381 Datasheet
116Kb / 8P
   CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
STV9382 STMICROELECTRONICS-STV9382 Datasheet
157Kb / 10P
   OPTIMWATTTM Class-D Vertical Deflection Amplifier for 1.5 Amp TV Applications
logo
General Electric Compan...
6AV5GA GEC-6AV5GA Datasheet
351Kb / 4P
   FOR TV HORIZONTAL-DEFLECTION AMPLIFIER APPLICATIONS
logo
NXP Semiconductors
TDA4800 PHILIPS-TDA4800 Datasheet
90Kb / 16P
   Vertical deflection circuit for monitor applications
1997 Mar 27
logo
Toshiba Semiconductor
2SA1408 TOSHIBA-2SA1408_07 Datasheet
139Kb / 5P
   Color TV Vertical Deflection Output Applications Color TV Class-B Sound Output Applications
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
TEMIC Semiconductors
TDA4173 TEMIC-TDA4173 Datasheet
71Kb / 6P
   TV Vertical Deflection Output Amplifier
TEA8172 TEMIC-TEA8172 Datasheet
63Kb / 4P
   TV Vertical Deflection Output Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com