Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUP85N03-07P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SUP85N03-07P
Description  N-Channel 30-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP85N03-07P Datasheet(HTML) 4 Page - Vishay Siliconix

  SUP85N03-07P Datasheet HTML 1Page - Vishay Siliconix SUP85N03-07P Datasheet HTML 2Page - Vishay Siliconix SUP85N03-07P Datasheet HTML 3Page - Vishay Siliconix SUP85N03-07P Datasheet HTML 4Page - Vishay Siliconix SUP85N03-07P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SUP/SUB85N03-07P
Vishay Siliconix
New Product
www.vishay.com
S FaxBack 408-970-5600
2-4
Document Number: 71147
S-00757—Rev. B, 10-Apr-00
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Drain Source Breakdown vs.
Junction Temperature
Avalanche Current vs. Time
0
0.4
0.8
1.2
1.6
2.0
–50
–25
0
25
50
75
100
125
150
175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ – Junction Temperature (_C)
VSD – Source-to-Drain Voltage (V)
100
10
1
0.3
0.6
0.9
1.2
VGS = 10 V
ID = 30 A
TJ = 25_C
TJ = 150_C
0
30
32
34
36
38
40
–50
–25
0
25
50
75
100
125
150
175
TJ – Junction Temperature (_C)
tin (Sec)
1000
10
0.00001
0.001
0.1
1
0.1
0.01
IAV (A) @ TA = 150_C
ID = 250 mA
100
1
0.0001
IAV (A) @ TA = 25_C


Similar Part No. - SUP85N03-07P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP85N03-07P VISHAY-SUP85N03-07P Datasheet
72Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 10-Apr-00
logo
VBsemi Electronics Co.,...
SUP85N03-07P-GE3 VBSEMI-SUP85N03-07P-GE3 Datasheet
963Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SUP85N03-07P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM85N03-06P VISHAY-SUM85N03-06P Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 08-Dec-03
SUP75N03-04 VISHAY-SUP75N03-04 Datasheet
41Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. E, 18-Jun-01
SUP75N03-07 VISHAY-SUP75N03-07 Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. D, 27-Mar-00
SUP45N03-13L VISHAY-SUP45N03-13L Datasheet
42Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. F, 29-Oct-01
SUM40N03-30L VISHAY-SUM40N03-30L Datasheet
62Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 24-Jan-05
SUD70N03-04P VISHAY-SUD70N03-04P Datasheet
59Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 03-May-04
SUM85N03-07P VISHAY-SUM85N03-07P Datasheet
47Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 19-May-03
SUD50N03-07 VISHAY-SUD50N03-07 Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. E, 23-Feb-04
SUM110N03 VISHAY-SUM110N03 Datasheet
41Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 16-Jun-03
SUD50N03-06P VISHAY-SUD50N03-06P Datasheet
53Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 16-Jun-03
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com