Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GG25L Datasheet(PDF) 4 Page - STMicroelectronics

Part # GG25L
Description  Fitness and healthcare
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25L Datasheet(HTML) 4 Page - STMicroelectronics

  GG25L Datasheet HTML 1Page - STMicroelectronics GG25L Datasheet HTML 2Page - STMicroelectronics GG25L Datasheet HTML 3Page - STMicroelectronics GG25L Datasheet HTML 4Page - STMicroelectronics GG25L Datasheet HTML 5Page - STMicroelectronics GG25L Datasheet HTML 6Page - STMicroelectronics GG25L Datasheet HTML 7Page - STMicroelectronics GG25L Datasheet HTML 8Page - STMicroelectronics GG25L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Pin assignment
GG25L
4/28
DocID025995 Rev 1
2
Pin assignment
3
Absolute maximum ratings and operating conditions
Table 2. GG25L pin description
Pin
CSP
bump
Pin name
Type(1)
1. I = input, 0 = output, OD = open drain, A = analog, D = digital, NC = not connected
Function
1
A1
ALM
I/OD
Alarm signal output, open drain,
external pull-up with resistor
2
B1
SDA
I/OD
I²C serial data
3
C1
SCL
I_D
I²C serial clock
4
D1
GND
Ground
Analog and digital ground
5D2
NC
-
NC
6
D3
CG
I_A
Current sensing input
7
C3
RSTIO
I/OD
Reset sense input & reset control output (open drain)
8
B2
BATD/CD
I/OA
Battery charge inhibit (active high output)
Battery detection (input)
9
B3
VCC
Supply
Power supply
10
A3
VIN
I_A
Battery voltage sensing input
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCCMAX
Maximum voltage on VCC pin
6
V
VIO
Voltage on I/O pins
-0.3 to 6
TSTG
Storage temperature
-55 to 150
°
C
TJ
Maximum junction temperature
150
ESD
Electrostatic discharge (HBM: human body model)
2
kV
Table 4. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Operating supply voltage on VCC
2.7 to 4.5
V
VMIN
Minimum voltage on VCC for RAM content retention
2.0
TOPER
Operating free air temperature range
-40 to 85
°
C
TPERF
-20 to 70


Similar Part No. - GG25L

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GG2014 JHE-GG2014 Datasheet
579Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GG2014HWDMNRNP-V00-NOCX JHE-GG2014HWDMNRNP-V00-NOCX Datasheet
579Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GG2014HWDMPRNP-V00-NOCX JHE-GG2014HWDMPRNP-V00-NOCX Datasheet
579Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GG2014HWDNNRNP-V00-NOCX JHE-GG2014HWDNNRNP-V00-NOCX Datasheet
579Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GG2014HWDNPRNP-V00-NOCX JHE-GG2014HWDNPRNP-V00-NOCX Datasheet
579Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - GG25L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
OA1ZHA STMICROELECTRONICS-OA1ZHA Datasheet
2Mb / 35P
   Fitness and healthcare
June 2016 Rev 2
logo
Silicon Laboratories
EFR32MG1X232 SILABS-EFR32MG1X232 Datasheet
1Mb / 80P
   Sports and Fitness
logo
STMicroelectronics
SPBTLE-RF STMICROELECTRONICS-SPBTLE-RF Datasheet
929Kb / 23P
   Fitness, wellness and sports
logo
Shenzhen Huazhimei Semi...
HM4050B HMSEMI-HM4050B Datasheet
957Kb / 12P
   Fitness Accessories
logo
Analog Devices
AD8233 AD-AD8233 Datasheet
772Kb / 30P
   Fitness and activity heart rate monitors
logo
Laird Tech Smart Techno...
S5703BH7SMF LSTD-S5703BH7SMF Datasheet
332Kb / 1P
   Healthcare facilities
logo
Advantech Co., Ltd.
HIT-W101C ADVANTECH-HIT-W101C_V01 Datasheet
605Kb / 4P
   10.1 Healthcare/Hospitality Information Terminal
10-Sep-2021
HIT-W222H ADVANTECH-HIT-W222H Datasheet
671Kb / 2P
   21.5' Healthcare Information Terminal
HIT-507 ADVANTECH-HIT-507 Datasheet
605Kb / 2P
   7" Healthcare Information Terminal
3-Jun-2020
HIT-512 ADVANTECH-HIT-512 Datasheet
797Kb / 4P
   Innovative 11.6" Healthcare Information Terminal
10-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com