Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4260 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T4260
Description  AM/FM Front End IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T4260 Datasheet(HTML) 2 Page - ATMEL Corporation

  T4260 Datasheet HTML 1Page - ATMEL Corporation T4260 Datasheet HTML 2Page - ATMEL Corporation T4260 Datasheet HTML 3Page - ATMEL Corporation T4260 Datasheet HTML 4Page - ATMEL Corporation T4260 Datasheet HTML 5Page - ATMEL Corporation T4260 Datasheet HTML 6Page - ATMEL Corporation T4260 Datasheet HTML 7Page - ATMEL Corporation T4260 Datasheet HTML 8Page - ATMEL Corporation T4260 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
T4260
4528G–AUDR–12/03
Pin Description
Pin
Symbol
Function
1
DAC1
DAC1 output
2
DAC2
DAC2 output
3
FMAGCO
FM AGC current
4
MXFMIA
FM mixer input A
5
MXFMIB
FM mixer input B
6
GNDRF
RF ground
7
MXAMIB
AM mixer input B
8
MXAMIA
AM mixer input A
9
AMAGCO
AM AGC current
10
IFAGCA2
AM IF-AGC filter 2
11
SW2/AGC
Switch 2 / AM AGC voltage
12
RFAGCA2
RF AM-AGC filter 2
13
SW1
Switching output 1
14
VRVCO
VCO reference voltage
15
VSPLL
PLL supply voltage
16
FMLF
FM loop filter
17
AMLF
AM loop filter
18
VTUNE
Tuning voltage
19
OSCGND
Oscillator ground
20
OSCE
Oscillator emitter
21
OSCB
Oscillator base
22
OSCBUF
Oscillator buffer output/input
23
EN
3-wire bus Enable
24
CLK
3-wire bus Clock
25
DATA
3-wire bus Data
26
VRPLL
PLL reference voltage
27
REFFREQ
PLL reference frequency
28
GNDPLL
PLL ground
29
IFOUTB
IF output B
30
IFOUTA
IF output A
31
IFAGCFM
FM IF-AGC filter
32
IFAGCA1
AM IF-AGC filter 1
33
RFAGCFM
RF FM-AGC filter
34
IFREF
IF amplifier reference input
35
IFINAM
IF amplifier AM input
36
IFINFM
IF amplifier FM input
37
VRT
Tuner reference voltage
38
GNDT
Tuner ground
39
MXAMOB
AM mixer output B
40
MXAMOA
AM mixer output A
41
VST
Tuner supply voltage
42
RFAGCA1
RF AM-AGC filter 1
43
MXFMOA
FM mixer output A
44
MXFMOB
FM mixer output B


Similar Part No. - T4260

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4260 ATMEL-T4260 Datasheet
741Kb / 34P
   AM/FM Front End IC
T4260 ATMEL-T4260 Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260-ILQH ATMEL-T4260-ILQH Datasheet
741Kb / 34P
   AM/FM Front End IC
T4260-ILQH ATMEL-T4260-ILQH Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260-ILSH ATMEL-T4260-ILSH Datasheet
741Kb / 34P
   AM/FM Front End IC
More results

Similar Description - T4260

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4260 ATMEL-T4260_09 Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260 ATMEL-T4260_08 Datasheet
741Kb / 34P
   AM/FM Front End IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR4262M1 ATMEL-ATR4262M1 Datasheet
230Kb / 12P
   Broadcast Radio Front-end IC for AM/FM/DRM/HD Radio
logo
STMicroelectronics
TDA7227 STMICROELECTRONICS-TDA7227 Datasheet
169Kb / 5P
   SINGLE-CHIP AM/FM RADIO WITH FRONT-END
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
[Old version datasheet]   RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com