Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5721DCA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721DCA
Description  Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721DCA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5721DCA Datasheet HTML 2Page - Texas Instruments TAS5721DCA Datasheet HTML 3Page - Texas Instruments TAS5721DCA Datasheet HTML 4Page - Texas Instruments TAS5721DCA Datasheet HTML 5Page - Texas Instruments TAS5721DCA Datasheet HTML 6Page - Texas Instruments TAS5721DCA Datasheet HTML 7Page - Texas Instruments TAS5721DCA Datasheet HTML 8Page - Texas Instruments TAS5721DCA Datasheet HTML 9Page - Texas Instruments TAS5721DCA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
6
TAS5721
SLOS739A – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TAS5721
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are PDN, RST, SCLK, LRCLK, MCLK, SDIN, SDA, and SCL.
(3)
Maximum pin voltage should not exceed 6 V.
(4)
DC voltage + peak AC waveform measured at the pin should be below the allowed limit for all conditions.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted).
(1)
MIN
MAX
UNIT
Supply
voltage
DVDD, AVDD, DRVDD
–0.3
3.6
V
PVDD
–0.3
30
V
DR_INx
–0.3
DRVDD + 6
V
Input voltage
3.3-V digital input
–0.5
DVDD + 0.5
V
5-V tolerant(2) digital input (except MCLK)
–0.5
DVDD + 2.5(3)
5-V tolerant MCLK input
–0.5
AVDD + 2.5(3)
SPK_OUTx to GND
32(4)
V
BSTRPx to GND
39(4)
V
Operating free-air temperature
0
85
°C
Storage temperature, Tstg
–40
125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
For operation at PVDD levels greater than 18 V, the modulation limit must be set to 93.8% via the control port register 0x10.
(2)
Continuous operation above the recommended junction temperature may result in reduced reliability and/or lifetime of the device.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
xVDD
Digital, analog, headphone supply
voltage
3
3.3
3.6
V
PVDD
Half-bridge supply voltage
8
26.4(1)
V
VIH
High-level input voltage
5-V tolerant
2
V
VIL
Low-level input voltage
5-V tolerant
0.8
V
TA
Operating ambient temperature
0
85
°C
TJ
(2)
Operating junction temperature
0
125
°C
RSPK
(SE, BTL, and
PBTL)
Minimum supported speaker
impedance
Output filter: L = 15
μH, C = 330 nF
4
8
Lo(BTL)
Output-filter inductance
Minimum output inductance
under short-circuit condition
10
μH
RHP
Headphone mode load impedance
16
32
Ω
RLD
Line-diver mode load impedance
0.6
10
k
Ω


Similar Part No. - TAS5721DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5721DCA TI1-TAS5721DCA Datasheet
1Mb / 71P
[Old version datasheet]   Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721DCA TI1-TAS5721DCA Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5721DCAR TI1-TAS5721DCAR Datasheet
1Mb / 71P
[Old version datasheet]   Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721DCAR TI1-TAS5721DCAR Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier
More results

Similar Description - TAS5721DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5721 TI-TAS5721_15 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721 TI1-TAS5721 Datasheet
1Mb / 71P
[Old version datasheet]   Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5711 TI-TAS5711 Datasheet
1Mb / 64P
[Old version datasheet]   20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5711 TI1-TAS5711_14 Datasheet
2Mb / 67P
[Old version datasheet]   20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
logo
Anpec Electronics Corop...
APA3169 ANPEC-APA3169 Datasheet
1Mb / 53P
   20W Stereo Digital Class-D Audio Power Amplifier with EQ, DRC and 2.1 Mode
logo
Texas Instruments
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
logo
Elite Semiconductor Mem...
AD8356A ESMT-AD8356A Datasheet
325Kb / 4P
   2.1-Channel Digital Audio Amplifier with Headphone Driver
logo
Texas Instruments
TAS5713_101 TI-TAS5713_101 Datasheet
1Mb / 65P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com