Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7316 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS7316
Description  3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7316 Datasheet(HTML) 1 Page - Texas Instruments

  THS7316_17 Datasheet HTML 1Page - Texas Instruments THS7316_17 Datasheet HTML 2Page - Texas Instruments THS7316_17 Datasheet HTML 3Page - Texas Instruments THS7316_17 Datasheet HTML 4Page - Texas Instruments THS7316_17 Datasheet HTML 5Page - Texas Instruments THS7316_17 Datasheet HTML 6Page - Texas Instruments THS7316_17 Datasheet HTML 7Page - Texas Instruments THS7316_17 Datasheet HTML 8Page - Texas Instruments THS7316_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
5
8
7
6
VS+
GND
CH.2IN
CH.3IN
CH.1IN
CH.3OUT
CH.2OUT
CH.1OUT
DAC/
Encoder
1
2
3
4
Y’ /G’
P’ /R’
R
75 W
3.3V
3.3V
75 W
HDTV
720p/1080i
VGA
SVGA
XGA
Y’P’ P’
G’B’R’
B
R
R
R
R
THS7316
P’ /B’
B
P’ /R’ Out
R
Y’ /G’ Out
75 W
75 W
75 W
P’ /B’ Out
B
75 W
THS7316
SLOS521A – MARCH 2007 – REVISED JANUARY 2008
www.ti.com
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
• 3 HDTV Video Amplifiers for Y'P'
BP'R 720p and
1080i, G'B'R' (R'G'B'), VGA/SVGA/XGA
Fabricated
using
the
Silicon-Germanium
(SiGe)
BiCom-III process, the THS7316 is a low power
• Integrated Low-Pass Filters
single-supply 3-V to 5-V, 3-channel integrated video
5th-Order 36-MHz (–3 dB) Butterworth Filter
buffer.
It
incorporates
a
5th-order
modified
–1 dB Passband Bandwidth at 31 MHz
Butterworth
filter
which
is
useful
as
a
DAC
30 dB Attenuation at 74 MHz
reconstruction filter or an ADC anti-aliasing filter. The
36-MHz filter is a perfect choice for HDTV video
• Versatile Input Biasing
which includes Y'P'BP'R 720p/1080i, G'B'R' (R'G'B'),
DC-Coupled With 140-mV Input Shift
and VGA/SVGA/XGA signals.
AC-Coupled with Sync-Tip Clamp
As part of the THS7316 flexibility, the input can be
Allows AC-Coupled With Biasing
configured for ac or dc coupled inputs. The DC +
• Built-in 6-dB Gain (2V/V)
140-mV input offset shift to allow for a full sync
dynamic range at the output with 0-V input. The AC
• 3-V to 5-V Single Supply Operation
coupled modes include a transparent sync-tip clamp
• Rail-to-Rail Output:
option for signals with sync such as Y’ or Green with
Output Swings Within 100 mV From the
sync.
AC-coupled
biasing
for
P’B/P’R/Non-sync
channels can be achieved by adding an external
Rails Allowing AC or DC Output Coupling
resistor.
Supports Driving 2 Lines per Channel
The THS7316 is the perfect choice for all output
• Low 18.3-mA at 3.3-V Total Quiescent Current
buffer applications. Its rail-to-rail output stage with
• Low Differential Gain/Phase of 0.1% / 0.1°
6-dB gain allows for both ac and dc line driving. The
• SOIC-8 Package
ability to drive 2 video lines per channel, or 75-
loads, allows for maximum flexibility as a video line
driver. The 18.3-mA total quiescent current makes it
an excellent choice for USB powered, portable, or
• Set Top Box Output Video Buffering
other power sensitive video applications.
• PVR/DVDR Output Buffering
• USB/Portable Low Power Video Buffering
The THS7316 is available in a small SOIC-8 package
that is RoHS compliant.
Figure 1. 3.3-V Single-Supply DC-Input/DC Output Coupled Video Line Driver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS7316_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7316_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com