Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4260IL Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T4260IL
Description  AM/FM Front End IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T4260IL Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T4260IL Datasheet HTML 4Page - ATMEL Corporation T4260IL Datasheet HTML 5Page - ATMEL Corporation T4260IL Datasheet HTML 6Page - ATMEL Corporation T4260IL Datasheet HTML 7Page - ATMEL Corporation T4260IL Datasheet HTML 8Page - ATMEL Corporation T4260IL Datasheet HTML 9Page - ATMEL Corporation T4260IL Datasheet HTML 10Page - ATMEL Corporation T4260IL Datasheet HTML 11Page - ATMEL Corporation T4260IL Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
T4260
4528G–AUDR–12/03
14
IF Gain
14.1
IF gain
(programmable with
Bit 6 - Bit 9)
12 dB
9
12
14
dB
A
(1)
14 dB
12
14
16
dB
A
(1)
16 dB
14
16
18
dB
A
(1)
18 dB
17
18
20
dB
C
(1)
20 dB
17
20
22
dB
A
(1)
22 dB
19
22
24
dB
C
(1)
24 dB
21
24
26
dB
C
(1)
26 dB
23
26
28
dB
C
(1)
28 dB
25
28
30
dB
A
(1)
30 dB
27
30
32
dB
C
(1)
32 dB
29
32
34
dB
C
(1)
34 dB
31
34
36
dB
C
(1)
36 dB
33
36
38
dB
C
(1)
38 dB
35
38
40
dB
C
(1)
40 dB
37
40
42
dB
C
(1)
42 dB
39
42
44
dB
A
(1)
15
SWO1 (Open Drain)
15.1
Output voltageLOW
I = 1 mA,
V
SWO1 = 8.5 V
13
V
SWOL
100
160
200
mV
A
15.2
Output leakage current
HIGH
13
I
OHL
10
µA
A
15.3
Maximum output voltage
13
8.5
V
C
16
SW2/AGC (Open Drain in Switch Mode)
16.1
Output voltage LOW
I = 1 mA,
V11 = 6 V
11
V
SWOL
100
160
200
mV
A
16.2
Output leakage current
HIGH
11
I
OHL
10
µA
A
16.3
Maximum output voltage
11
6
V
C
17
3-wire Bus, ENABLE, DATA, CLOCK
17.1
Input voltage
High
Low
23-25
V
BUS
V
BUS
2.7
-0.3
5.3
+0.8
V
V
A
A
17.2
Clock frequency
24
1.0
MHz
B
17.3
Period of CLK
24
tH
t
L
250
250
ns
ns
C
C
17.4
Rise time EN, DA, CLK
23-25
t
R
400
ns
C
17.5
Fall time EN, DA, CLK
23-25
t
F
100
ns
C
17.6
Set-up time
23-25
tS
100
ns
C
17.7
Hold time EN
23
tHEN
250
ns
C
17.8
Hold time DA
25
t
HDA
0
ns
C
Electrical Characteristics (Continued)
Test conditions (unless otherwise specified): VST/VSPLL = +8.5 V, Tamb = +25° C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Minimum and maximum limits are characterized for entire temperature range (-40
° C to +85° C) but are tested at +25° C


Similar Part No. - T4260IL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4260 ATMEL-T4260 Datasheet
741Kb / 34P
   AM/FM Front End IC
T4260 ATMEL-T4260 Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260-ILQH ATMEL-T4260-ILQH Datasheet
741Kb / 34P
   AM/FM Front End IC
T4260-ILQH ATMEL-T4260-ILQH Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260-ILSH ATMEL-T4260-ILSH Datasheet
741Kb / 34P
   AM/FM Front End IC
More results

Similar Description - T4260IL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4260 ATMEL-T4260_09 Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260 ATMEL-T4260_08 Datasheet
741Kb / 34P
   AM/FM Front End IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR4262M1 ATMEL-ATR4262M1 Datasheet
230Kb / 12P
   Broadcast Radio Front-end IC for AM/FM/DRM/HD Radio
logo
STMicroelectronics
TDA7227 STMICROELECTRONICS-TDA7227 Datasheet
169Kb / 5P
   SINGLE-CHIP AM/FM RADIO WITH FRONT-END
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
[Old version datasheet]   RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com