Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL057K0682 Datasheet(PDF) 1 Page - AVX Corporation

Part # CL057K0682
Description  High Surge Voltage SMD Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CL057K0682 Datasheet(HTML) 1 Page - AVX Corporation

  CL057K0682 Datasheet HTML 1Page - AVX Corporation CL057K0682 Datasheet HTML 2Page - AVX Corporation CL057K0682 Datasheet HTML 3Page - AVX Corporation CL057K0682 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
47
092515
Film Chip Capacitors
High Surge Voltage SMD Film Capacitors – CL Series
GENERAL DESCRIPTION
Film chip capacitor using a naked and stacked construction
with metallized Polyethylene Naphtalate film (PEN) Usage of a
multitrack technology results to an equivalent serial construc-
tion which gives better high voltage surge handling capability.
ADVANTAGES
• Surge Voltage up to 1500V (10/700 μs)
• Self healing
• Safe open failure mode
• Low ESR
• Surface Mount (IR/Vapor reflow) solution
APPLICATIONS
This new version of our High Voltage SMD range has been
developed to withstand high line surges common in telecom
application.
These capacitors meet the telecom lightning strike protection
standards.
PERFORMANCE CHARACTERISTICS
Climatic Category
55/125/56
Capacitance Range
6.8nF to 33nF
Tolerance on C
R
±5%, ±10%
Nominal Voltages
630Vdc
Test Voltage
1500V (10/700μ sec.)
Soldering methods
IR or vapor phase reflow (not suitable for wave soldering)
Tangent of Loss Angle at 1kHz (DF)
< 100 x 10-4
Insulation resistance minimum: IR
for C ≤ 0.33μF IR > 1000 MΩ at 20°C
for 1 min.charge at 100VDC
Temperature range
-55°C to 125°C with voltage derating of 1.25%/ºC between 105ºC and 125ºC
Outer Layer
Termination Plating :
100% matte Sn
Ni Barrier Under
Termination
Silver Epoxy
Resin
Brass
Active Layers : PEN dielectric


Similar Part No. - CL057K0682

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
CL05-10T AMMSEMI-CL05-10T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
CL05-12T AMMSEMI-CL05-12T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
logo
Rugao Dachang Electroni...
CL05-15S DACHANG-CL05-15S Datasheet
99Kb / 1P
   Plastic High Voltage Rectifier
logo
American Microsemicondu...
CL05-15T AMMSEMI-CL05-15T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
logo
YAGEO Corporation
CL0508KFX5R5BB121 YAGEO-CL0508KFX5R5BB121 Datasheet
902Kb / 13P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CL057K0682

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CRGS TEC-CRGS Datasheet
689Kb / 6P
   SMD Anti-Surge Thick Film Chip Resistor
logo
Ohmite Mfg. Co.
MMC06F4704ETP OHMITE-MMC06F4704ETP Datasheet
152Kb / 1P
   High Voltage Thick Film SMD Chip
MMC06 OHMITE-MMC06 Datasheet
287Kb / 2P
   High Voltage Thick Film SMD Chip
logo
Kemet Corporation
LDEID3100KA0N00 KEMET-LDEID3100KA0N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDECD3470JA5N00 KEMET-LDECD3470JA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
Suntan Capacitors
TS09 SUNTAN-TS09_17 Datasheet
96Kb / 1P
   High Voltage Metallized Polypropylene Film Capacitors
TS09 SUNTAN-TS09 Datasheet
547Kb / 1P
   High Voltage Metallized Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com