Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFLI6N0257K Datasheet(PDF) 6 Page - AVX Corporation

Part # FFLI6N0257K
Description  Medium Power Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFLI6N0257K Datasheet(HTML) 6 Page - AVX Corporation

Back Button FFLI6N0257K Datasheet HTML 2Page - AVX Corporation FFLI6N0257K Datasheet HTML 3Page - AVX Corporation FFLI6N0257K Datasheet HTML 4Page - AVX Corporation FFLI6N0257K Datasheet HTML 5Page - AVX Corporation FFLI6N0257K Datasheet HTML 6Page - AVX Corporation FFLI6N0257K Datasheet HTML 7Page - AVX Corporation FFLI6N0257K Datasheet HTML 8Page - AVX Corporation FFLI6N0257K Datasheet HTML 9Page - AVX Corporation FFLI6N0257K Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Medium Power Film Capacitors
FFLI 1500V to 3000Vdc (RoHS Compliant)
DIMENSIONS
FEMALE TERMINALS
MALE TERMINALS
D (mm)
85
100
116
A (mm)
32
50
50
Dt (mm)
12
15
15
Hc (mm)
30
40
40
Max Torque (Nm)
M6
4.5
M8
8.5
M12
15
Distance terminal to terminal (mm)
Distance terminal to case (mm)
D (mm)
creepage
clearance
creepage
clearance
85
40
19
52
50
100
55
34
59
57
116
55
34
67
65
MECHANICAL MOUNTING
Capacitors enclosure presents a M12 x 16 bolt in order to fix the capacitor. Over height (H) more than 1.5 x D
(diameter of tube), we recommend to clamp (constraint < 35daN), just below the plastic cover, the capacitor in
order to limit oscillations in case of potential Shock&Vibration stress.


Similar Part No. - FFLI6N0257K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 12 FFLI6N0257K** ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com