Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFV34AK Datasheet(PDF) 2 Page - AVX Corporation

Part # FFV34AK
Description  Medium Power Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFV34AK Datasheet(HTML) 2 Page - AVX Corporation

  FFV34AK Datasheet HTML 1Page - AVX Corporation FFV34AK Datasheet HTML 2Page - AVX Corporation FFV34AK Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JUNE 2015
19
Medium Power Film Capacitors
FFV3 (RoHS Compliant) for Low Voltage Applications
HOW TO ORDER
FFV3
Series
4
Dielectric
4 = Polyester
6 = Polypropylene
D
Voltage Code
K
Capacitance
Tolerances
K = ±10%
––
Lead Styles
– – = Standard
Consult Factory
for Special
Options
D = 75Vdc
E = 100Vdc
F = 160Vdc
H = 300Vdc
I = 400Vdc
J = 500Vdc
A = 700Vdc
C = 900Vdc
L = 1100Vdc
Climatic category
40/105/56 (IEC 60068)
Test voltage between terminals @ 25°C
1.5 x Vndc during 10s
Test voltage between terminals and case @ 25°C “ @ 4 kVrms @ 50 Hz during 1 min.
Capacitance range Cn
30μF to 160μF
Tolerance on Cn
±10%
Rated DC voltage Vndc
75 to 400 V
Dielectric
polyester
Max Stray Inductance
15nH
ELECTRICAL CHARACTERISTICS – POLYESTER DIELECTRIC
RATINGS AND PART NUMBER REFERENCE – POLYESTER DIELECTRIC
50C
60C
70C
85C
95C
105C
1.2
1.1
1.0
0.8
0.9
0.7
0.6
0.5
0.4
0.3
100
1000
10000
Lifetime Expectancy (hours)
100000
Part Number
Capacitance
Irms max.
I2t10 shots
I2t1000 shots
Rs
Rth
Typical
(μF)
(A)
(A2s)
(A2s)
(m )
(°C/W)
Weight (g)
Vndc = 75 V
Vrms = 45 v max
Voltage Code: D
FFV34D0137K--
130
23
370
37
0.56
5.6
90
FFV34D0167K--
160
28
560
56
0.47
5
90
Vndc = 100 V
Vrms = 60 v max
Voltage Code: E
FFV34E0806K--
80
19
250
25
0.67
6.2
90
FFV34E0107K--
100
24
390
39
0.55
5.4
90
Vndc = 160 V
Vrms = 75 v max
Voltage Code: F
FFV34F0556K--
55
17
180
18
0.77
6.6
90
FFV34F0656K--
65
20
260
26
0.66
6
90
Vndc = 300 V
Vrms = 90 v max
Voltage Code: H
FFV34H0406K--
40
20
150
15
2.80
9.6
90
FFV34H0506K--
50
26
230
23
2.25
8.5
90
Vndc = 400 V
Vrms = 105 v max
Voltage Code: I
FFV34I0306K--*
30
17
110
11
2.93
9.9
90
FFV34I0406K--*
40
23
200
20
2.21
8.4
90
LIFETIME EXPECTANCY vs Vw/Vn AND HOT SPOT TEMPERATURE
POLYESTER DIELECTRIC
Vw = Permanent working
or operating DC voltage.
(*) Polyester dielectric film wet silicone


Similar Part No. - FFV34AK

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFV34D0137K AVX-FFV34D0137K Datasheet
104Kb / 4P
   Medium Power Film Capacitors FFV3 (RoHS Compliant)
FFV34D0167K AVX-FFV34D0167K Datasheet
104Kb / 4P
   Medium Power Film Capacitors FFV3 (RoHS Compliant)
FFV34E0107K AVX-FFV34E0107K Datasheet
104Kb / 4P
   Medium Power Film Capacitors FFV3 (RoHS Compliant)
FFV34E0806K AVX-FFV34E0806K Datasheet
104Kb / 4P
   Medium Power Film Capacitors FFV3 (RoHS Compliant)
FFV34F0556K AVX-FFV34F0556K Datasheet
104Kb / 4P
   Medium Power Film Capacitors FFV3 (RoHS Compliant)
More results

Similar Description - FFV34AK

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com