Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPX66Y0105J Datasheet(PDF) 1 Page - AVX Corporation

Part # FPX66Y0105J
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FPX66Y0105J Datasheet(HTML) 1 Page - AVX Corporation

  FPX66Y0105J Datasheet HTML 1Page - AVX Corporation FPX66Y0105J Datasheet HTML 2Page - AVX Corporation FPX66Y0105J Datasheet HTML 3Page - AVX Corporation FPX66Y0105J Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
82
JUNE 2015
Medium Power Film Capacitors
FPX (FPY RoHS Compliant)
PROTECTION
HOW TO ORDER
FPX
Series
FPX = Standard
FPY = RoHS
Compliant
6
Case Size
Case Size 6
Case Size 8
(See Case
Style)
6
Dielectric
6 = Polypropylene
N
Voltage
Code
N = 2000V
P = 2500V
X = 3500V
Z = 4500V
Y = 4600V
0105
Capacitance
Code
0 + pF code
0105 = 1.0μF
0335 = 3.5μF
0504 = 0.5μF
etc.
J
Capacitance
Tolerances
J = ±5%
––
Terminal Code
– – = Standard
DIMENSIONS
Plastic Case Style M6 / 6 or M8 / 8
MARKING
Logo
Withstanding surge voltage
Capacitance and tolerance in clear
Nominal DC voltage in clear
RMS current in clear
Date of manufacture (IEC coding)
Plastic Case Style M8 / 10
ØDmax
Ød
M6/6 or M8/8
h
±2 (0.079)
Max Torque: 8.5Nm (M8)
4.5Nm (M6)
H
±0.5
(0.020)
h
±2 (0.079)
TPC
H 62
Dimensions: millimeters (inches)
General tolerance:
±2
A
Ø4 (0.16) A
Plastic Case
Resin
Tinned Output
Max Torque: 8.5Nm
The positions of the connections
of each side are not indexed
H
≥ 79 +0 -3.0mm
(3.11 +0 -0.12)
M8 (0.315)
/10 (0.394)
M8 (0.315)
/10 (0.394)
6.00 (0.236)
6.00 (0.236)
Dimensions: millimeters (inches)
General tolerance:
±2
A
Ø4 (0.16) A
Ø28 (1.103)
±0.1 (0.004)
Plastic Case
D Max
Resin
Tinned Output
23 (0.906)
±0.50 (0.020)
APPLICATIONS
Protection of thyristors.
Protection of gate turn-off thyristor (G.T.O.).
Clamping (Secondary snubber).
TECHNOLOGY
Metallized polypropylene dielectric capacitor with controlled
self-healing.
Reinforced metallization developed for high impulse currents.
Axial connections specially developed to reduce series
inductance and to provide rigid mechanical mounting.
PACKAGING MATERIAL
Cylindrical in plastic case filled with thermosetting resin.
Outputs: threaded inserts either M6 or M8.
HOT SPOT TEMPERATURE CALCULATION
See Hot Spot Temperature page 3.
θhot spot = θterminals + (Pd + Pt) x Rth
with
Pd (Dielectric losses) = Q x tg
δ0
⇒ [ 12 x Cn x (Vpeak to peak)2 x f ] x (2 x 10-4)
Pt (Thermal losses) = Rs x (Irms)2
where
Cn in Farads
Vin Volts
Irms in Amperes
Rs in Ohms
f in Hertz
θ in °C
Rth in °C/W
Due to the design of the capacitor and its technology,
the thermal impedance between the terminations and the core of
the capacitor is low, it is necessary to take care that the capaci-
tor is never overheated by use of incorrect sized connections.
In the case where the series diodes are screwed to the capaci-
tor, cooling of the diodes must be taken in account.
Do not use the capacitor as a heat sink.
Due to the complexity of the diode/capacitor thermal exchanges,
we recommend that thermal measurements shall be made on
the different components. We would be pleased to advise you on
specific problems.
WORKING TEMPERATURE
(according to the power to be dissipated)
-40°C to +85°C
Not RoHS Compliant
Please select correct termination style.


Similar Part No. - FPX66Y0105J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FPX600-20 ETC1-FPX600-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FPX600F-20 ETC1-FPX600F-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FPX640-20 ETC1-FPX640-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FPX640F-20 ETC1-FPX640F-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
More results

Similar Description - FPX66Y0105J

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com