Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFVE4N0187K Datasheet(PDF) 4 Page - AVX Corporation

Part # FFVE4N0187K
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFVE4N0187K Datasheet(HTML) 4 Page - AVX Corporation

  FFVE4N0187K Datasheet HTML 1Page - AVX Corporation FFVE4N0187K Datasheet HTML 2Page - AVX Corporation FFVE4N0187K Datasheet HTML 3Page - AVX Corporation FFVE4N0187K Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
JUNE 2015
27
Medium Power Film Capacitors
FFVE/FFVI (FFWE/FFWI RoHS Compliant)
Working temperature
-40°C to +105°C (according to the power to be dissipated)
Capacitance range
47μF to 275μF
Capacitance tolerance
±10%
Rated DC voltage
500 to 1100V
Test voltage between terminals @ 25°C
1.25 x Vndc 10s
Insulation voltage between
shorted terminals and earth
7 kVrms/60sec/50Hz
Dielectric
Polypropylene
ELECTRICAL CHARACTERISTICS – FFVI/FFWI POLYPROPYLENE DIELECTRIC
Dimensions millimeters (inches)
LIFETIME EXPECTANCY FOR FFVI
Vw: permanent working or operating DC-voltage.
50
°C
70
°C
85
°C
95
°C
105
°C
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
100
1000
10000
Lifetime Expectancy (hours)
100000
RATINGS AND PART NUMBER REFERENCE – POLYPROPYLENE DIELECTRIC
Part Number*
Capacitance
Height
Irms max.
Ls max.
Rs
Rth
Typical
(μF)
(A)
(nH)
(m )
(°C/W)
Weight (g)
Vndc 500 volts
(Voltage Code J)
FFVI6J1256K--
125
40 (1.575)
90
25
0.6
5.0
350
FFVI6J0207K--
200
51 (2.008)
90
32
0.8
6.7
420
FFVI6J2756K--
275
64 (2.520)
90
40
0.9
8.7
500
Vndc 700 volts
(Voltage Code A)
FFVI6A0107K--
100
40 (1.575)
100
25
0.6
4.8
350
FFVI6A0157K--
150
51 (2.008)
100
32
0.9
6.9
420
FFVI6A0227K--
220
64 (2.520)
100
40
1.0
8.4
500
Vndc 900 volts
(Voltage Code C)
FFVI6C0666K--
66
40 (1.575)
100
25
0.7
4.7
350
FFVI6C0107K--
100
51 (2.008)
90
32
1.0
6.7
420
FFVI6C0147K--
140
64 (2.520)
100
40
1.3
8.4
500
Vndc 1100 volts
(Voltage Code L)
FFVI6L0476K--
47
40 (1.575)
100
25
0.8
4.6
350
FFVI6L0706K--
70
51 (2.008)
100
32
1.2
6.7
420
FFVI6L0107K--
100
64 (2.520)
90
40
1.1
8.2
500


Similar Part No. - FFVE4N0187K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFVE4N0187K-- AVX-FFVE4N0187K-- Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
FFVE4N0187K7X AVX-FFVE4N0187K7X Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
FFVE4N0187KJ7 AVX-FFVE4N0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
FFVE4N0187KJE AVX-FFVE4N0187KJE Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
More results

Similar Description - FFVE4N0187K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com