Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPG86N0804J Datasheet(PDF) 3 Page - AVX Corporation

Part # FPG86N0804J
Description  Medium Power Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FPG86N0804J Datasheet(HTML) 3 Page - AVX Corporation

  FPG86N0804J Datasheet HTML 1Page - AVX Corporation FPG86N0804J Datasheet HTML 2Page - AVX Corporation FPG86N0804J Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
88
JUNE 2015
Medium Power Film Capacitors
FPG (FPH RoHS Compliant) Table of Values
PROTECTION
Dimensions: millimeters (inches)
Dimensions
I2.t
Irms
Rs
Rth
Cn
Case
H*
h
d
max.
max.
Typical
Part Number
(μF)
Style
±0.5
±2
D
±0.5
(A2.s)
(A)
(m )
(°C/W)
Weight (g)
(±0.020)
(±0.079)
max.
(±0.020)
FPG 1500V
Vndc = 800V
Vpeak = 1200V
Vrms = 500V
Vs = 1500V
(Voltage Code R)
FPG66R0105J--
1
Plastic Case M6/6
52 (2.047)
5 (0.197)
40 (1.575)
18 (0.709)
2
15
2.4
14
120
FPG66R0155J--
1.5
Plastic Case M6/6
52 (2.047)
5 (0.197)
55 (2.165)
18(0.709)
4.6
20
1.6
10.5
160
FPG86R0205J--
2
Plastic Case M8/8
52 (2.047)
5 (0.197)
60 (2.362)
22 (0.866)
8
30
1.2
6.1
190
FPG86R0305J--
3
Plastic Case M8/8
52 (2.047)
5 (0.197)
72 (2.835)
22 (0.866)
18
45
0.9
4.5
260
FPG86R0355J--
3.5
Plastic Case M8/8
52 (2.047)
5 (0.197)
72 (2.835)
22 (0.866)
25
50
0.85
4.5
260
FPG86R0405J--
4
Plastic Case M8/8
52 (2.047)
5 (0.197)
82 (1.575)
22 (0.866)
32
60
0.75
3.5
320
FPG86R0505J--
5
Plastic Case M8/8
52 (2.047)
5 (0.197)
82 (3.622)
22 (0.866)
50
70
0.65
2.5
320
FPG86R0605J--
6
Plastic Case M8/8
52 (2.047)
5 (0.197)
92 (3.622)
22 (0.866)
73
75
0.6
2.5
400
FPG 2000V
Vndc = 1000V
Vpeak = 1600V
Vrms = 600V
Vs = 2000V
(Voltage Code N)
FPG66N0504J--
0.5
Plastic Case M6/6
52 (2.047)
5 (0.197)
40 (1.575)
18 (0.709)
1
15
3
14
120
FPG86N0105J--
1
Plastic Case M8/8
52 (2.047)
5 (0.197)
60 (2.362)
22 (0.866)
3
20
2.3
10.5
190
FPG86N0155J--
1.5
Plastic Case M8/8
52 (2.047)
5 (0.197)
60 (2.362)
22 (0.866)
7
30
1.5
6.1
190
FPG86N0205J--
2
Plastic Case M8/8
52 (2.047)
5 (0.197)
72 (2.835)
22 (0.866)
12.7
40
1.1
4.5
260
FPG86N0255J--
2.5
Plastic Case M8/8
52 (2.047)
5 (0.197)
72 (2.835)
22 (0.866)
20
60
0.89
3.7
260
FPG86N0305J--
3
Plastic Case M8/8
52 (2.047)
5 (0.197)
82 (3.228)
22 (0.866)
28
60
0.85
3.2
320
FPG86N0355J--
3.5
Plastic Case M8/8
52 (2.047)
5 (0.197)
82 (3.228)
22 (0.866)
39
65
0.78
2.9
320
FPG86N0405J--
4
Plastic Case M8/8
52 (2.047)
5 (0.197)
92 (3.622)
22 (0.866)
50
70
0.7
2.5
400
FPG 2500V
Vndc = 1300V
Vpeak = 2000V
Vrms = 700V
Vs = 2500V
(Voltage Code P)
FPG66P0474J--
0.47
Plastic Case M6/6
62 (2.441)
5 (0.197)
40 (1.575)
18 (0.709)
0.7
15
6
25
160
FPG66P0105J--
1
Plastic Case M6/6
62 (2.441)
5 (0.197)
55 (2.165)
18 (0.709)
2
18
3
13
180
FPG66P0155J--
1.5
Plastic Case M6/6
62 (2.441)
5 (0.197)
60 (2.362)
22 (0.866)
4.5
25
2
10
220
FPG86P0205J--
2
Plastic Case M8/8
62 (2.441)
5 (0.197)
72 (2.835)
22 (0.866)
8
35
1.5
6.5
310
FPG86P0255J--
2.5
Plastic Case M8/8
62 (2.441)
5 (0.197)
72 (2.835)
22 (0.866)
12.5
40
1.3
4.8
310
FPG86P0305J--
3
Plastic Case M8/8
62 (2.441)
5 (0.197)
82 (3.228)
22 (0.866)
18
50
1.15
4.4
410
FPG86P0405J--
4
Plastic Case M8/8
62 (2.441)
5 (0.197)
92 (3.622)
22 (0.866)
32
65
0.95
3.4
475
FPG 2600V
Vndc = 1750V
Vpeak = 2000V
Vrms = 800V
Vs = 2600V
(Voltage Code W)
FPG66W0474J--
0.47
Plastic Case M6/6
62 (2.441)
5 (0.197)
40 (1.575)
18 (0.709)
1.4
12
4.04
28
160
FPG66W0105J--
1
Plastic Case M6/6
62 (2.441)
5 (0.197)
55 (2.165)
18 (0.709)
5.7
21
2.17
10.9
180
FPG66W0155J--
1.5
Plastic Case M6/6
62 (2.441)
5 (0.197)
60 (2.362)
18 (0.709)
12.9
31
1.55
7.7
220
FPG86W0205J--
2
Plastic Case M8/8
62 (2.441)
5 (0.197)
72 (2.835)
22 (0.866)
23
41
1.24
6.1
310
FPG86W0255J--
2.5
Plastic Case M8/8
62 (2.441)
5 (0.197)
82 (3.228)
22 (0.866)
36
51
1.05
4.5
410
FPG86W0305J--
3
Plastic Case M8/8
62 (2.441)
5 (0.197)
92 (3.622)
22 (0.866)
50
62
0.92
3.9
475
FPG86W0355J--
3.5
Plastic Case M8/8
62 (2.441)
5 (0.197)
92 (3.622)
22 (0.866)
70
72
0.83
3.4
475
FPG86W0395J--
3.9
Plastic Case M8/8
62 (2.441)
5 (0.197)
92 (3.622)
22 (0.866)
85
80
0.78
3.1
475
FPG 3500V
Vndc = 2000V
Vpeak = 2400V
Vrms = 1000V
Vs = 3500V
(Voltage Code X)
FPG66X0334J--
0.33
Plastic Case M6/6
62 (2.441)
5 (0.197)
40 (1.575)
18 (0.709)
2
15
2.5
28
160
FPG66X0504J--
0.5
Plastic Case M6/6
62 (2.441)
5 (0.197)
55 (2.165)
18 (0.709)
5
19
2.5
11.2
180
FPG86X0105J--
1
Plastic Case M8/8
62 (2.441)
5 (0.197)
72 (2.835)
22 (0.866)
15
38
1.4
6.2
310
FPG86X0155J--
1.5
Plastic Case M8/8
62 (2.441)
5 (0.197)
82 (3.228)
22 (0.866)
40
56
1.03
3.9
410
FPG86X0205J--
2
Plastic Case M8/8
62 (2.441)
5 (0.197)
92 (3.622)
22 (0.866)
70
75
0.85
3.1
475
FPG 4500V
Vndc = 2500V
Vpeak = 3200V
Vrms = 1200V
Vs = 4500V
(Voltage Code Z)
FPG66Z0224J--
0.22
Plastic Case M6/6
62 (2.441)
5 (0.197)
40 (1.575)
18 (0.709)
1.5
15
3.8
25
160
FPG66Z0474J--
0.47
Plastic Case M6/6
62 (2.441)
5 (0.197)
60 (2.362)
18 (0.709)
7
24
2.16
8.5
220
FPG86Z0684J--
0.68
Plastic Case M8/8
62 (2.441)
5 (0.197)
72 (2.835)
22 (0.866)
14
35
1.59
6.2
310
FPG86Z0105J--
1
Plastic Case M8/8
62 (2.441)
5 (0.197)
82 (3.228)
22 (0.866)
30
52
1.18
4
410
FPG86Z1254J--
1.25
Plastic Case M8/8
62 (2.441)
5 (0.197)
92 (3.622)
22 (0.866)
50
65
1
3.3
475
FPG 4600 V
Vndc = 3000 V
Vpeak = 4000 V
Vrms = 1400 V
Vs = 4600 V
(Voltage Code Y)
FPG66Y0124J--
0.12
Plastic Case M6/6
62 (2.441)
5 (0.197)
40 (1.575)
18 (0.709)
0.8
15
6
28
160
FPG66Y0224J--
0.22
Plastic Case M6/6
62 (2.441)
5 (0.197)
60 (2.362)
18 (0.709)
3
20
3.48
11
220
FPG86Y0334J--
0.33
Plastic Case M8/8
62 (2.441)
5 (0.197)
72 (2.835)
22 (0.866)
6.8
25
2.42
7.7
310
FPG86Y0474J--
0.47
Plastic Case M8/8
62 (2.441)
5 (0.197)
82 (3.228)
22 (0.866)
13.8
35
1.79
5.2
410
FPG86Y0604J--
0.60
Plastic Case M8/8
62 (2.441)
5 (0.197)
92 (3.622)
22(0.866)
22
45
1.47
4.2
475


Similar Part No. - FPG86N0804J

ManufacturerPart #DatasheetDescription
logo
SAB North America
FPG-11 SAB-FPG-11 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-11R SAB-FPG-11R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13 SAB-FPG-13 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13R SAB-FPG-13R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-16 SAB-FPG-16 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
More results

Similar Description - FPG86N0804J

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com