Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QC1553-83 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # QC1553-83
Description  MIL-STD-1553 Transformers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

QC1553-83 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  QC1553-83 Datasheet HTML 1Page - Pulse A Technitrol Company QC1553-83 Datasheet HTML 2Page - Pulse A Technitrol Company QC1553-83 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M224.B (11/14)
1
pulseelectronics.com
MIL-STD-1553 Transformers
I
mpedance
(see next page)
Droop
£ 20%
Overshoot
±1V MAX
Common Mode Rejection (CMR)
£ 45dB
Frequency Range (no load)
75kHz to 1MHz
Operating Temperature Range
-55°C to 130°C
Weight
£ 5 grams
Insualtion Resistance (MIN)
10K M
Ω @ 250Vdc
Dielectric Withstanding Voltage
100Vrms
Summary Performance Specifications
Package A
Package G
.625 MAX
15,86
.625
15,86
MAX
6
2
4
1
5
7
8
3
.250
6,35
MAX
.500
12,70
.200
5,08
.375
9,53
MIN
.100
2,54
.020 ± .002
0,51 ± 0,05
Ø
8
4
3
1
2
6
7
5
.020
0,51
.625 MAX
15,86
.625
15,86
MAX
6
2
4
1
5
7
8
3
.250
6,35
MAX
.500
12,70
.200
5,08
.375
9,53
MIN
.100
2,54
.020 ± .002
0,51 ± 0,05
Ø
8
4
3
1
2
6
7
5
Notes:
1. All dimensions are in inches.
2. Tolerances: .xx = +.008
3. All specifications and dimensions
are subject to change without notice.
Qualified for use in QPL MIL-STD-1553 applications
Dual ratio in a single package (see Schematic)
MSL: 1
Designed, built, and tested to MIL-PRF-21038
Levels* C, M, and T
Two packages available: Package A without standoffs, and Package G with standoffs
Built in ISO 9001 facility
Applicable specifications
n
MIL-STD-1553B
n
MIL-STD-202
n
MIL-PRF-21038
n
ISO 9001
* n
Level C - for high reliability commercial/industrial applications
n
Level M - for general purpose military applications
n
Level T - for high reliability critical military applications
Dual Ratio THT QPL Pulse Transformers


Similar Part No. - QC1553-83

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
QC1553-20 PULSE-QC1553-20 Datasheet
1Mb / 26P
   Miltary-Aerospace Division MIL-STD-1553 Interface Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
QC1553-21 PULSE-QC1553-21 Datasheet
1Mb / 26P
   Miltary-Aerospace Division MIL-STD-1553 Interface Transformers
QC1553-21 PULSE-QC1553-21 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
QC1553-22 PULSE-QC1553-22 Datasheet
1Mb / 26P
   Miltary-Aerospace Division MIL-STD-1553 Interface Transformers
More results

Similar Description - QC1553-83

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
MIL-STD-1553 PULSE-MIL-STD-1553 Datasheet
512Kb / 2P
   MIL-STD-1553 Transformers
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Pulse A Technitrol Comp...
M21038-27-31T PULSE-M21038-27-31T Datasheet
1Mb / 26P
   MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
M21038-27-26 PULSE-M21038-27-26 Datasheet
1Mb / 26P
   MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
M2103827-03 PULSE-M2103827-03 Datasheet
1Mb / 26P
   Miltary-Aerospace Division MIL-STD-1553 Interface Transformers
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com