Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5946RHBRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5946RHBRG4
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5946RHBRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC5946RHBRG4 Datasheet HTML 1Page - Texas Instruments TLC5946RHBRG4 Datasheet HTML 2Page - Texas Instruments TLC5946RHBRG4 Datasheet HTML 3Page - Texas Instruments TLC5946RHBRG4 Datasheet HTML 4Page - Texas Instruments TLC5946RHBRG4 Datasheet HTML 5Page - Texas Instruments TLC5946RHBRG4 Datasheet HTML 6Page - Texas Instruments TLC5946RHBRG4 Datasheet HTML 7Page - Texas Instruments TLC5946RHBRG4 Datasheet HTML 8Page - Texas Instruments TLC5946RHBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
SWITCHING CHARACTERISTICS
TLC5946
www.ti.com .......................................................................................................................................................... SLVS824B – MARCH 2008 – REVISED JUNE 2008
At VCC = 3.0 V to 5.5 V, TA = –40°C to +85°C, CL0 = 15 pF, RL0 = 100 Ω, CL1 = 100 pF, RL1 = 1 kΩ, RIREF = 1.3 kΩ,
VLED = 5 V, and VXERR = 5 V. Typical values at VCC = 3.3 V and TA = +25°C, unless otherwise noted.
TLC5946
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR0
SOUT (see Figure 11)
16
Rise time
ns
tR1
OUTn, VCC = 5 V, DC = 3Fh (see Figure 11)
10
30
tF0
SOUT (see Figure 11)
16
ns
tF1
Fall time
OUTn, VCC = 5 V, DC = 3Fh (see Figure 11)
10
30
tF2
XERR (see Figure 11)
100
ns
tD0
SCLK to SOUT (see Figure 12)(1)
25
ns
tD1
BLANK
↑ to OUT0 sink current off (see Figure 12)
20
40
ns
tD2
GSCLK
↑ to OUT0/4/8/12 (see Figure 12)
5
18
40
ns
tD3
GSCLK
↑ to OUT1/5/9/13 (see Figure 12)
20
42
73
ns
Propagation delay time
tD4
GSCLK
↑ to OUT2/6/10/14 (see Figure 12)
35
66
106
ns
tD5
GSCLK
↑ to OUT3/7/11/15 (see Figure 12)
50
90
140
ns
XLAT
↑ to OUTn (dot correction)
tD6
100
ns
00h to 3Fh, 3Fh to 00h (see Figure 12)
tOUTON – tGSCLK, GSn = 001h, GSCLK = 33 MHz
tON_ERR
Output on-time error
–20
10
ns
(see Figure 13)
(1)
XHALF = H: rising edge of SCLK to SOUT; XHALF = L: falling edge of SCLK to SOUT.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLC5946


Similar Part No. - TLC5946RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5946RHBRG4 TI1-TLC5946RHBRG4 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results

Similar Description - TLC5946RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com