Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2171IDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2171IDR
Description  36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2171IDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2171IDR Datasheet HTML 5Page - Texas Instruments TLV2171IDR Datasheet HTML 6Page - Texas Instruments TLV2171IDR Datasheet HTML 7Page - Texas Instruments TLV2171IDR Datasheet HTML 8Page - Texas Instruments TLV2171IDR Datasheet HTML 9Page - Texas Instruments TLV2171IDR Datasheet HTML 10Page - Texas Instruments TLV2171IDR Datasheet HTML 11Page - Texas Instruments TLV2171IDR Datasheet HTML 12Page - Texas Instruments TLV2171IDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
TLV171, TLV2171, TLV4171
www.ti.com
SBOS783 – SEPTEMBER 2016
Product Folder Links: TLV171 TLV2171 TLV4171
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.8 Typical Characteristics
at VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Table 1. Characteristic Performance Measurements
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage vs Common-Mode Voltage
Figure 2
Offset Voltage vs Common-Mode Voltage (Upper Stage)
Figure 3
Input Bias Current and Input Offset Current vs Temperature
Figure 4
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 5
CMRR and PSRR vs Frequency (Referred-to-Input)
Figure 6
0.1-Hz to 10-Hz Noise
Figure 7
Input Voltage Noise Spectral Density vs Frequency
Figure 8
Quiescent Current vs Supply Voltage
Figure 9
Open-Loop Gain and Phase vs Frequency
Figure 10
Closed-Loop Gain vs Frequency
Figure 11
Open-Loop Gain vs Temperature
Figure 12
Open-Loop Output Impedance vs Frequency
Figure 13
Small-Signal Overshoot vs Capacitive Load
Figure 14, Figure 15
No Phase Reversal
Figure 16
Small-Signal Step Response (100 mV)
Figure 17, Figure 18
Large-Signal Step Response
Figure 19, Figure 20
Large-Signal Settling Time (10-V Positive Step)
Figure 21
Large-Signal Settling Time (10-V Negative Step)
Figure 22
Short-Circuit Current vs Temperature
Figure 23
Maximum Output Voltage vs Frequency
Figure 24
EMIRR IN+ vs Frequency
Figure 25


Similar Part No. - TLV2171IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2171IDR TI1-TLV2171IDR Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV2171IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
[Old version datasheet]   40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
TLV9301 TI-TLV9301_V05 Datasheet
3Mb / 57P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
AUGUST 2021
TLV9301 TI1-TLV9301_V02 Datasheet
2Mb / 49P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com