Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3262 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3262
Description  Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3262 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC3262 Datasheet HTML 4Page - Texas Instruments TLV320AIC3262 Datasheet HTML 5Page - Texas Instruments TLV320AIC3262 Datasheet HTML 6Page - Texas Instruments TLV320AIC3262 Datasheet HTML 7Page - Texas Instruments TLV320AIC3262 Datasheet HTML 8Page - Texas Instruments TLV320AIC3262 Datasheet HTML 9Page - Texas Instruments TLV320AIC3262 Datasheet HTML 10Page - Texas Instruments TLV320AIC3262 Datasheet HTML 11Page - Texas Instruments TLV320AIC3262 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
TLV320AIC3262
SLAS679A – DECEMBER 2011 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
BALL NO.
NAME
Primary:
Audio Serial Data Bus 2 Data Input
Secondary:
G3
DIN2
I
Digital Microphone Data Input
Audio Serial Data Bus 1 Data Input (L2/R2)
General Purpose Input
Low-Frequency Clock Input
Primary:
Audio Serial Data Bus 2 Word Clock
Secondary:
Audio Serial Data Bus 1 Data Input (L4/R4)
Audio Serial Data Bus 1 Data Output (L4/R4)
General Purpose Input
G4
WCLK2
I/O
General Purpose Output
CLKOUT Output
ADC MOD Clock Output
SAR ADC Interrupt
INT1 Output
INT2 Output
Low-Frequency Clock Input
Primary:
Audio Serial Data Bus 3 Word Clock
Secondary:
G5
WCLK3
I/O
General Purpose Output
General Purpose Input
Audio Serial Data Bus 1 Data Out (L4/R4)
Low-Frequency Clock Input
Primary:
Audio Serial Data Bus 3 Data Input
G6
DIN3
I
Secondary:
Audio Serial Data Bus 1 Data Input (L3/R3)
Control Interface Select
G7
SPI_SELECT
I
SPI_SELECT = ‘1’: SPI Interface selected
SPI_SELECT = ‘0’: I2C Interface selected
G8
RESET
I
Active Low Reset
Master Clock 2
Primary:
Clock Input
G9
MCLK2
I
Secondary:
Digital Microphone Data Input
Audio Serial Data Bus 1 Data Input (L3/R3 or L4/R4)
Low-Frequency Clock Input
Primary:
Audio Serial Data Bus 1 Bit Clock
H1
BCLK1
I/O
Secondary:
General Clock Input
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3262


Similar Part No. - TLV320AIC3262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
TLV320AIC3262IYZFT TI1-TLV320AIC3262IYZFT Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
More results

Similar Description - TLV320AIC3262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3268 TI-TLV320AIC3268_15 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
TLV320AIC3212 TI1-TLV320AIC3212 Datasheet
1Mb / 61P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3212 TI-TLV320AIC3212_15 Datasheet
1Mb / 78P
[Old version datasheet]   TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com