Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8252H Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA8252H
Description  Max Power 37W BTL4ch Audio Power IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8252H Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA8252H Datasheet HTML 1Page - Toshiba Semiconductor TA8252H Datasheet HTML 2Page - Toshiba Semiconductor TA8252H Datasheet HTML 3Page - Toshiba Semiconductor TA8252H Datasheet HTML 4Page - Toshiba Semiconductor TA8252H Datasheet HTML 5Page - Toshiba Semiconductor TA8252H Datasheet HTML 6Page - Toshiba Semiconductor TA8252H Datasheet HTML 7Page - Toshiba Semiconductor TA8252H Datasheet HTML 8Page - Toshiba Semiconductor TA8252H Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TA8252H
2002-10-30
3
Caution And Application Method
(description is made only on the single channel.)
1. Voltage gain adjustment
This IC has no NF (negative feedback) terminals. Therefore, the voltage gain can't adjusted, but it makes the
device a space and total costs saver.
The voltage gain of amp.1: GV1 = 0dB
The voltage gain of amp.2A, B: GV2 = 20dB
The voltage gain of BTL connection: GV (BTL) = 6dB
Therefore, the total voltage gain is decided by expression below.
GV = GV1 + GV2 + GV (BTL) = 0 + 20 + 6 = 26 dB
2. Stand-by SW function (pin(2))
By means of controlling pin(2) (stand-by terminal) to high
and low, the power supply can be set to on and off.
The threshold voltage of pin(2) is set at about 3VBE (typ.),
and the power supply current is about 2µA (typ.) at the
stand-by state.
Control voltage of pin(2): V (SB)
Stand
-by
Power
V (SB) (V)
On
Off
0~1.5
Off
On
3~6
Adjustage of stand-by SW
(1) Since VCC can directly be controlled to on or off by the microcomputer, the switching relay can be omitted.
(2) Since the control current is microscopic, the switching relay of small current capacity is satisfactory for
switching
+
+
+
(Fig.1) Block diagram
Amp. 2B
Amp. 2A
Amp. 1
Input
2
VCC
≈2VBE
10kΩ
Power
ON
OFF
(Fig.2) With pin(2) set to High,
Power is turned ON
to Bias
cutting circuit


Similar Part No. - TA8252H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8251AH TOSHIBA-TA8251AH Datasheet
563Kb / 12P
   MAX POWER 30W BTL x 4CH AUDIO POWER IC
TA8251AHQ TOSHIBA-TA8251AHQ Datasheet
1Mb / 13P
   MAX POWER 30W BTL X 4CH AUDIO POWER IC
TA8254BHQ TOSHIBA-TA8254BHQ Datasheet
184Kb / 13P
   45W BTL X 2CH AUDIO POWER AMPLIFIER
TA8255AH TOSHIBA-TA8255AH Datasheet
551Kb / 12P
   MAX POWER 22W BTL x 4CH AUDIO POWER IC
TA8255AHQ TOSHIBA-TA8255AHQ Datasheet
1Mb / 13P
   Max Power 22W BTL × 4ch Audio Power IC
2004-09-28
More results

Similar Description - TA8252H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8260AH TOSHIBA-TA8260AH Datasheet
392Kb / 15P
   Max Power 40 W BTL 횞 4CH Audio Power IC
TA8255AHQ TOSHIBA-TA8255AHQ Datasheet
1Mb / 13P
   Max Power 22W BTL × 4ch Audio Power IC
2004-09-28
TA8251AH TOSHIBA-TA8251AH Datasheet
563Kb / 12P
   MAX POWER 30W BTL x 4CH AUDIO POWER IC
TA8251AHQ TOSHIBA-TA8251AHQ Datasheet
1Mb / 13P
   MAX POWER 30W BTL X 4CH AUDIO POWER IC
T8251AH TOSHIBA-T8251AH Datasheet
552Kb / 13P
   MAX POWER 300W BTL x 4CH AUDIO POWER IC
TA8255AH TOSHIBA-TA8255AH Datasheet
551Kb / 12P
   MAX POWER 22W BTL x 4CH AUDIO POWER IC
TA8259H TOSHIBA-TA8259H Datasheet
368Kb / 15P
   MAX POWER 37 W BTL x 4CH AUDIO POWER IC
TA8262H TOSHIBA-TA8262H Datasheet
360Kb / 15P
   MAX POWER 43 W BTL x 4CH AUDIO POWER IC
TA8276H TOSHIBA-TA8276H Datasheet
249Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TA8276HQ TOSHIBA-TA8276HQ Datasheet
258Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com