Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA01108AIYZFR Datasheet(PDF) 10 Page - Texas Instruments

Part # HPA01108AIYZFR
Description  Infrared Thermopile Sensor in Chip-Scale Package
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA01108AIYZFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button HPA01108AIYZFR Datasheet HTML 6Page - Texas Instruments HPA01108AIYZFR Datasheet HTML 7Page - Texas Instruments HPA01108AIYZFR Datasheet HTML 8Page - Texas Instruments HPA01108AIYZFR Datasheet HTML 9Page - Texas Instruments HPA01108AIYZFR Datasheet HTML 10Page - Texas Instruments HPA01108AIYZFR Datasheet HTML 11Page - Texas Instruments HPA01108AIYZFR Datasheet HTML 12Page - Texas Instruments HPA01108AIYZFR Datasheet HTML 13Page - Texas Instruments HPA01108AIYZFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Sensor
1.6 mm
0.33 mm
0.33 mm
0.165 mm
0.165 mm
1.6 mm
TMP006
Object
D
-
d
Sensor
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
www.ti.com
Feature Description (continued)
8.3.2 Field of View and Angular Response
The TMP006 and TMP006B sense all radiation within a defined field of view (FOV). The FOV (or full-angle of
θ)
is defined as 2
Φ. These devices contain no optical elements, and thus sense all radiation within the hemisphere
to the front of the device. Figure 3 shows the angular dependence of the sensor response and the relative power
for a circular object that subtends a half angle of phi (
Φ). Figure 7 defines the angle Φ in terms of object diameter
and distance. Figure 7 assumes that the object is well approximated as a plane that is perpendicular to the
sensor axis.
Figure 7. FOV Geometry Definition
In this case, the maximum contribution is from the portion of the object directly in front of the TMP006 or
TMP006B (
Φ = 0); with the sensitivity per solid angle, dR/dΦ decreases as Φ increases. Approximately 50% of
the energy sensed by the TMP006 and TMP006B is within a FOV (
θ) = 90°.
This discussion is for illustrative purposes only; in practice the angular response (dR/d
Φ) of the TMP006 and
TMP006B to the object is affected by the object orientation, the number of objects, and the precise placement
relative to the TMP006 or TMP006B. Figure 8 shows the thermopile sensor dimensions.
NOTE: Thermopile sensor is centered in the device.
Figure 8. Thermopile Sensor Dimensions
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TMP006 TMP006B


Similar Part No. - HPA01108AIYZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01110DQPR TI1-HPA01110DQPR Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
HPA01111DQPR TI1-HPA01111DQPR Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
HPA01112AIRGTR TI1-HPA01112AIRGTR Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
HPA01113AIRGVR TI1-HPA01113AIRGVR Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
HPA011146RGTR TI1-HPA011146RGTR Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
More results

Similar Description - HPA01108AIYZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI-TMP006_15 Datasheet
1Mb / 38P
[Old version datasheet]   TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com