Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFLC15MB4427 Datasheet(PDF) 1 Page - AVX Corporation

Part # FFLC15MB4427
Description  Medium Power Film Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFLC15MB4427 Datasheet(HTML) 1 Page - AVX Corporation

  FFLC15MB4427 Datasheet HTML 1Page - AVX Corporation FFLC15MB4427 Datasheet HTML 2Page - AVX Corporation FFLC15MB4427 Datasheet HTML 3Page - AVX Corporation FFLC15MB4427 Datasheet HTML 4Page - AVX Corporation FFLC15MB4427 Datasheet HTML 5Page - AVX Corporation FFLC15MB4427 Datasheet HTML 6Page - AVX Corporation FFLC15MB4427 Datasheet HTML 7Page - AVX Corporation FFLC15MB4427 Datasheet HTML 8Page - AVX Corporation FFLC15MB4427 Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
42
JUNE 2015
Medium Power Film Capacitors
FFLC
The FFLC series is specifically designed for DC filtering applications such as DC
link or resonant filters.
Large case sizes up to 35 liters and high specific energy up to 240J/l together with
safe and reliable Controlled Self Healing Technology make this series particularly
suitable for power converters in traction, drives and renewable energy areas.
FFLC uses polypropylene metallized segmented film and it is fully dry technology.
Standard designs proposed in this catalogue are covering a wide range of voltage
and capacitance values. In case of specific requirements about shape and
performances, feel free to contact your local AVX representative.
PACKAGING MATERIAL
Non-painted rectangular resin filled aluminium case
Mounting brackets
4 M8/15 Female connections or M12/30 Male connections
STANDARDS
IEC 61071: Power electronic capacitors
IEC 61881: Railway applications, rolling stock equipment, capacitors
for power electronics
IEC 60068-2: Environmental testing
UL 94: Fire requirements
NF F 16-101: Rolling stock – Fire behaviour – Materials choosing
NF F 16-102: Rolling stock – Fire behaviour – Materials choosing,
application for electric equipments
EN 45545-2: Railways applications – Fire protection on railway vehicles
Part 2 : Requirements for fire behaviour of materials and
components
DEFINITIONS
Cn
capacitance
nominal value of the capacitance measured at
θamb = 25 ± 10°C
maximum operating peak voltage of either polarity (non-reversing
Un
rated DC voltage
type waveform), for which the capacitor has been designed for
continuous operation
Uw
working voltage
value of the maximum operating recurrent voltage for a given hot
spot temperature and an expected lifetime
Ur
ripple voltage
peak-to-peak alternating component of the unidirectional voltage
Ls
parasitic inductance
capacitor series self-inductance
Rs
capacitor series resistance capacitor series resistance due to galvanic circuit
Irms
thermal 1
RMS current value for continuous operation under natural
convection generating 20°C overheating
Irms
thermal 2
rms current value for continuous operation under forced air
generating 20°C overheating
temperature of the cooling air measured at the hottest position of
the capacitor, under steady-state conditions, midway between
θamb (°C) cooling air temperature
two units
NOTE If only one unit is involved, it is the temperature measured
at a point approximately 0.1 m away from the capacitor container and at two-thirds of
the height from its base
θHS (°C)
hot spot temperature
highest temperature obtained inside the case of the capacitor in
thermal equilibrium
CHARACTERISTICS
Capacitance range Cn
1750μF to 20600μF
Tolerance on Cn
±10%
Rated DC voltage Un
800 to 1350V
Lifetime at Un and 70°C
hot-spot temperature
100,000h
and
ΔC / C < 2%
Parasitic inductance Ls
32 to 55nH
Maximum rms current Irms
up to 400Arms
Test voltage between terminals
1.5 x Un for 10s
@ 25°C
Test voltage between terminals
4kVrms @ 50Hz
and Case @ 25°C
for 10s
Dielectric
polypropylene
Climatic Category
40 / 85 / 56
(IEC 60068)
Working temperature
-40°C / +85°C
(according to the
power dissipated)
Storage temperature
-40°C / +85°C
Calorific value
27 MJ/kg
HOW TO ORDER
FFLC
Series
3
Width
1 = 100mm
2 = 125mm
3 = 150mm
4 = 175mm
1
Height
1 = 245mm
2 = 315mm
3 = 385mm
4 = 455mm
5 = 525mm
6 = 595mm
M
Terminals
F = Female
M = Male
A
Voltage
A = 800V
B = 900V
C = 1000V
D = 1100V
E = 1350V
4427
Capacitance
EIA code


Similar Part No. - FFLC15MB4427

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FFL MSYSTEM-FFL Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FFL-66-K MSYSTEM-FFL-66-K Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FFL-66-K/Q MSYSTEM-FFL-66-K/Q Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FFL-66-L MSYSTEM-FFL-66-L Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FFL-66-L/Q MSYSTEM-FFL-66-L/Q Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FFLC15MB4427

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com