Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6748EZWT4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6748EZWT4
Description  Fixed- and Floating-Point DSP
Download  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6748EZWT4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320C6748EZWT4 Datasheet HTML 5Page - Texas Instruments TMS320C6748EZWT4 Datasheet HTML 6Page - Texas Instruments TMS320C6748EZWT4 Datasheet HTML 7Page - Texas Instruments TMS320C6748EZWT4 Datasheet HTML 8Page - Texas Instruments TMS320C6748EZWT4 Datasheet HTML 9Page - Texas Instruments TMS320C6748EZWT4 Datasheet HTML 10Page - Texas Instruments TMS320C6748EZWT4 Datasheet HTML 11Page - Texas Instruments TMS320C6748EZWT4 Datasheet HTML 12Page - Texas Instruments TMS320C6748EZWT4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 273 page
background image
9
TMS320C6748
www.ti.com
SPRS590G – JUNE 2009 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: TMS320C6748
Device Comparison
Copyright © 2009–2017, Texas Instruments Incorporated
Table 3-1. Characteristics of C6748 (continued)
HARDWARE FEATURES
C6748
(1)
ADVANCE INFORMATION concerns new products in the sampling or preproduction phase of development. Characteristic data and
other specifications are subject to change without notice. PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include
testing of all parameters.
Voltage
Core (V)
Variable (1.2V-1.0V) for 375 MHz version
Variable (1.3V-1.0V) for 456 MHz version
I/O (V)
1.8V or 3.3 V
Packages
13 mm x 13 mm, 361-Ball 0.65 mm pitch, PBGA (ZCE)
16 mm x 16 mm, 361-Ball 0.80 mm pitch, PBGA (ZWT)
Product Status(1)
Product Preview (PP),
Advance Information (AI),
or Production Data (PD)
375 MHz versions - PD
456 MHz versions - PD
3.2
Device Compatibility
The C674x DSP core is code-compatible with the C6000™ DSP platform and supports features of both
the C64x+ and C67x+ DSP families.
3.3
DSP Subsystem
The DSP Subsystem includes the following features:
C674x DSP CPU
32KB L1 Program (L1P)/Cache (up to 32KB)
32KB L1 Data (L1D)/Cache (up to 32KB)
256KB Unified Mapped RAM/Cache (L2)
Boot ROM (cannot be used for application code)
Little endian


Similar Part No. - TMS320C6748EZWT4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748EZWT4 TI1-TMS320C6748EZWT4 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748EZWT4 TI1-TMS320C6748EZWT4 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results

Similar Description - TMS320C6748EZWT4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748 TI1-TMS320C6748_16 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6742 TI1-TMS320C6742_16 Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com