Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8841D Datasheet(PDF) 4 Page - STMicroelectronics

Part # PM8841D
Description  1 A low-side gate driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8841D Datasheet(HTML) 4 Page - STMicroelectronics

  PM8841D Datasheet HTML 1Page - STMicroelectronics PM8841D Datasheet HTML 2Page - STMicroelectronics PM8841D Datasheet HTML 3Page - STMicroelectronics PM8841D Datasheet HTML 4Page - STMicroelectronics PM8841D Datasheet HTML 5Page - STMicroelectronics PM8841D Datasheet HTML 6Page - STMicroelectronics PM8841D Datasheet HTML 7Page - STMicroelectronics PM8841D Datasheet HTML 8Page - STMicroelectronics PM8841D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Maximum ratings
PM8841
4/13
DocID027119 Rev 1
3
Maximum ratings
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
(2-layer FR4 PCB, TA = 27 °C natural convection)
250
°C/W
RthJC
Thermal resistance junction to case
130
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
-40 to 150
°C
TA
Operating ambient temperature range
-40 to 125
°C
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Note
VVCC,max
Maximum IC supply voltage
19
V
IN unconnected, IN_TH = 3.3 V
Max. negative allowed voltage
- 0.3
V
VIN_TH,max
Max. positive voltage at IN_TH pin
5.5
V
Max. negative allowed voltage
- 0.3
V
VIN,max
Maximum voltage at IN pin
5.5
V
Max. negative allowed voltage
- 0.3
V
IOUT,rms
Maximum RMS output current
100
mA


Similar Part No. - PM8841D

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
PM880 GEC-PM880 Datasheet
248Kb / 4P
   PM880 Panametrics Portable Hygrometer
2013
logo
Baker Hughes Company
PM880 BAKER-PM880 Datasheet
1Mb / 3P
   Panametrics portable hygrometer
12/2020
logo
STMicroelectronics
PM8800 STMICROELECTRONICS-PM8800 Datasheet
216Kb / 10P
   Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PM8800A STMICROELECTRONICS-PM8800A Datasheet
216Kb / 10P
   Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PM8800A STMICROELECTRONICS-PM8800A Datasheet
556Kb / 35P
   Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
More results

Similar Description - PM8841D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM8851 STMICROELECTRONICS-PM8851 Datasheet
422Kb / 14P
   1 A low-side gate driver with configurable asymmetric sink/source
October 2014 Rev 1
logo
Sanken electric
SSC4S701 SANKEN-SSC4S701 Datasheet
1Mb / 12P
   Low-side Gate Driver IC
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
logo
Texas Instruments
LM5134 TI1-LM5134_16 Datasheet
1Mb / 27P
[Old version datasheet]   Single 7.6-A Peak Current Low-Side Gate Driver
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com