Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8851 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM8851
Description  1 A low-side gate driver with configurable asymmetric sink/source
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8851 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM8851 Datasheet HTML 5Page - STMicroelectronics PM8851 Datasheet HTML 6Page - STMicroelectronics PM8851 Datasheet HTML 7Page - STMicroelectronics PM8851 Datasheet HTML 8Page - STMicroelectronics PM8851 Datasheet HTML 9Page - STMicroelectronics PM8851 Datasheet HTML 10Page - STMicroelectronics PM8851 Datasheet HTML 11Page - STMicroelectronics PM8851 Datasheet HTML 12Page - STMicroelectronics PM8851 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DocID027090 Rev 1
9/14
PM8851
Application guidelines
14
6
Application guidelines
6.1
Power supply
The PM8851 driver is intended to drive power MOSFETs used in power conversion
topologies at high speed. The accurate supply voltage definition guarantees an effective
driving in every condition. The voltage present at the IN_TH pin is used for the threshold
definition. It could be the same voltage used to supply the device providing the signal
applied to the IN pin, or it can be derived by the VCC pin, eventually using a voltage divider.
It is mainly suggested to provide IN_TH voltage starting from VCC voltage.
For example, an auxiliary, unregulated voltage can be used to be connected to both
PM8851 VCC pin and the input of a linear regulator that provides a well regulated supply
voltage for logic circuitry. The same low voltage is then provided to the IN_TH pin of the
PM8851.
If the IN_TH is derived directly by the VCC pin, the structure illustrated in Figure 12 can be
used.
It is mandatory to properly connect a 100 nF ceramic cap as close as possible to the VCC
pin to bypass the current's spikes absorbed by VCC during the gate charging.
Also IN_TH voltage should be filtered with a ceramic capacitor (10 nF to 100 nF), especially
when long traces are used to supply it; when derived by VCC a lighter filtering is allowed.
6.2
Layout suggestions
The small package of the PM8851 allows to place it very close to the gate of the driven
MOSFET: this reduces the risk of injecting high frequency noise produced by the driving
current running between the OUT pin and the MOSFET's gate pin.
Figure 11. Shared supply configuration
Figure 12. Independent supply configuration


Similar Part No. - PM8851

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
PM880 GEC-PM880 Datasheet
248Kb / 4P
   PM880 Panametrics Portable Hygrometer
2013
logo
Baker Hughes Company
PM880 BAKER-PM880 Datasheet
1Mb / 3P
   Panametrics portable hygrometer
12/2020
logo
STMicroelectronics
PM8800 STMICROELECTRONICS-PM8800 Datasheet
216Kb / 10P
   Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PM8800A STMICROELECTRONICS-PM8800A Datasheet
216Kb / 10P
   Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PM8800A STMICROELECTRONICS-PM8800A Datasheet
556Kb / 35P
   Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
More results

Similar Description - PM8851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM8841 STMICROELECTRONICS-PM8841 Datasheet
449Kb / 13P
   1 A low-side gate driver
October 2014 Rev 1
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511 TI1-UCC27511_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com