Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR0805MK-131KL Datasheet(PDF) 4 Page - YAGEO Corporation

Part # SR0805MK-131KL
Description  SURGE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR0805MK-131KL Datasheet(HTML) 4 Page - YAGEO Corporation

  SR0805MK-131KL Datasheet HTML 1Page - YAGEO Corporation SR0805MK-131KL Datasheet HTML 2Page - YAGEO Corporation SR0805MK-131KL Datasheet HTML 3Page - YAGEO Corporation SR0805MK-131KL Datasheet HTML 4Page - YAGEO Corporation SR0805MK-131KL Datasheet HTML 5Page - YAGEO Corporation SR0805MK-131KL Datasheet HTML 6Page - YAGEO Corporation SR0805MK-131KL Datasheet HTML 7Page - YAGEO Corporation SR0805MK-131KL Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov. 11, 2016 V.5
Product specification
4
8
SERIES
SR
0402/0603/0805/1206/1210/1218/2010/2512
PACKING STYLE AND PACKAGING QUANTITY
FOOTPRINT AND SOLDERING PROFILES
Recommended footprint and soldering profiles, please refer to data sheet “Chip resistors mounting”.
RESISTANCE
RANGE
TEMPERATURE COEFFICIENT OF RESISTANCE
PT040
100 mΩ to 910 mΩ
PACKING STYLE
REEL DIMENSION
SR0402
SR0603/0805/1206
SR1210
SR1218/2010/2512
Paper taping reel (R)
7" (178 mm)
10,000
5,000
5,000
---
13" (330 mm)
50,000
20,000
20,000
---
Embossed taping reel (K)
7" (178 mm)
---
---
---
4,000
NOTE
1. For paper/embossed tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”.
Table 3 Packing style and packaging quantity
SR1218
SR0603/0805/1206/
1210/2010/2512
Side view for all type
Fig. 5 Chip resistor dimensions
For dimension, please refer to Table 1
SR0402
TYPE
POWER
RESISTANCE RANGE
CHARACTERISTICS
Operating
Temperature Range
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstanding
Voltage
Temperature
Coefficient of
Resistance
SR0402
1/16W
E24 5%, 10%, 20%
1 Ω ≤ R ≤ 100 KΩ
–55 °C to +155 °C
50 V
100 V
100 V
± 200 ppm/°C
1/8
SR0603
1/10W
75V
150V
150V
1/5W
1/4W
SR0805
1/8 W
150V
300V
300V
1/4W
1/3W
SR1206
1/4 W
200 V
400 V
500 V
1/2W
3/4W
SR1210
1/2W
200 V
400 V
500 V
SR1218
1 W
200 V
400 V
500 V
SR2010
3/4 W
200 V
400 V
500 V
SR2512
1 W
200 V
400 V
500 V
ELECTRICAL CHARACTERISTICS
Table 2


Similar Part No. - SR0805MK-131KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0805MK-131KL YAGEO-SR0805MK-131KL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
More results

Similar Description - SR0805MK-131KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0805 YAGEO-SR0805 Datasheet
305Kb / 8P
   SURGE CHIP RESISTORS
SR0402DR-071RL YAGEO-SR0402DR-071RL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
   Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR ROHM-ESR Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
logo
KOA Speer Electronics, ...
SG73-RT KOA-SG73-RT Datasheet
577Kb / 3P
   surge current flat chip resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com