Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR11BP101EJNM Datasheet(PDF) 3 Page - AVX Corporation

Part # CDR11BP101EJNM
Description  Microwave MLC?셲
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CDR11BP101EJNM Datasheet(HTML) 3 Page - AVX Corporation

  CDR11BP101EJNM Datasheet HTML 1Page - AVX Corporation CDR11BP101EJNM Datasheet HTML 2Page - AVX Corporation CDR11BP101EJNM Datasheet HTML 3Page - AVX Corporation CDR11BP101EJNM Datasheet HTML 4Page - AVX Corporation CDR11BP101EJNM Datasheet HTML 5Page - AVX Corporation CDR11BP101EJNM Datasheet HTML 6Page - AVX Corporation CDR11BP101EJNM Datasheet HTML 7Page - AVX Corporation CDR11BP101EJNM Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8
214
Microwave MLC’s
CDR Series — MIL-PRF-55681 (RF/Microwave Chips)
TABLE II: STYLES CDR13 AND CDR14 CAPACITOR CHARACTERISTICS
Type
Rated temperature
Designation
Capacitance
Capacitance
and
WVDC
1/
in pF
tolerance
V/Temperature
CDR1 -B-0R1*B--
0.1
B
BG, BP
200/500
CDR1 -B-0R2*B--
0.2
B
BG, BP
200/500
CDR1 -B-0R3*---
0.3
B, C
BG, BP
200/500
CDR1 -B-0R4*---
0.4
B, C
BG, BP
200/500
CDR1 -B-0R5*---
0.5
B, C, D
BG, BP
200/500
CDR1 -B-0R6*---
0.6
B, C, D
BG, BP
200/500
CDR1 -B-0R7*--
0.7
B, C, D
BG, BP
200/500
CDR1 -B-0R8*---
0.8
B, C, D
BG, BP
200/500
CDR1 -B-0R9*---
0.9
B, C, D
BG, BP
200/500
CDR1 -B-1R0*---
1.0
B, C, D
BG, BP
200/500
CDR1 -B-1R1*---
1.1
B, C, D
BG, BP
200/500
CDR1 -B-1R2*---
1.2
B, C, D
BG, BP
200/500
CDR1 -B-1R3*---
1.3
B, C, D
BG, BP
200/500
CDR1 -B-1R4*---
1.4
B, C, D
BG, BP
200/500
CDR1 -B-1R5*---
1.5
B, C, D
BG, BP
200/500
CDR1 -B-1R6*---
1.6
B, C, D
BG, BP
200/500
CDR1 -B-1R7*---
1.7
B, C, D
BG, BP
200/500
CDR1 -B-1R8*---
1.8
B, C, D
BG, BP
200/500
CDR1 -B-1R9*---
1.9
B, C, D
BG, BP
200/500
CDR1 -B-2R0*---
2.0
B, C, D
BG, BP
200/500
CDR1 -B-2R1*---
2.1
B, C, D
BG, BP
200/500
CDR1 -B-2R2*--
2.2
B, C, D
BG, BP
200/500
CDR1 -B-2R4*---
2.4
B, C, D
BG, BP
200/500
CDR1 -B-2R7*---
2.7
B, C, D
BG, BP
200/500
CDR1 -B-3R0*---
3.0
B, C, D
BG, BP
200/500
CDR1 -B-3R3*---
3.3
B, C, D
BG, BP
200/500
CDR1 -B-3R6*---
3.6
B, C, D
BG, BP
200/500
CDR1 -B-3R9*---
3.9
B, C, D
BG, BP
200/500
CDR1 -B-4R3*---
4.3
B, C, D
BG, BP
200/500
CDR1 -B-4R7*---
4.7
B, C, D
BG, BP
200/500
CDR1 -B-5R1*---
5.1
B, C, D
BG, BP
200/500
CDR1 -B-5R6*---
5.6
B, C, D
BG, BP
200/500
CDR1 -B-6R2*---
6.2
B, C, D
BG, BP
200/500
CDR1 -B-6R8*---
6.8
B, C, J, K, M
BG, BP
200/500
CDR1 -B-7R5*---
7.5
B, C, J, K, M
BG, BP
200/500
CDR1 -B-8R2*---
8.2
B, C, J, K, M
BG, BP
200/500
CDR1 -B-9R1*---
9.1
B, C, J, K, M
BG, BP
200/500
CDR1 -B-100*---
10
F, G, J, K, M
BG, BP
200/500
CDR1 -B-110*---
11
F, G, J, K, M
BG, BP
200/500
CDR1 -B-120*---
12
F, G, J, K, M
BG, BP
200/500
CDR1 -B-130*---
13
F, G, J, K, M
BG, BP
200/500
CDR1 -B-150*---
15
F, G, J, K, M
BG, BP
200/500
CDR1 -B-160*---
16
F, G, J, K, M
BG, BP
200/500
CDR1 -B-180*---
18
F, G, J, K, M
BG, BP
200/500
CDR1 -B-200*---
20
F, G, J, K, M
BG, BP
200/500
CDR1 -B-220*---
22
F, G, J, K, M
BG, BP
200/500
CDR1 -B-240*---
24
F, G, J, K, M
BG, BP
200/500
CDR1 -B-270*---
27
F, G, J, K, M
BG, BP
200/500
CDR1 -B-300*---
30
F, G, J, K, M
BG, BP
200/500
CDR1 -B-330*---
33
F, G, J, K, M
BG, BP
200/500
CDR1 -B-360*---
36
F, G, J, K, M
BG, BP
200/500
CDR1 -B-390*---
39
F, G, J, K, M
BG, BP
200/500
CDR1 -B-430*---
43
F, G, J, K, M
BG, BP
200/500
CDR1 -B-470*---
47
F, G, J, K, M
BG, BP
200/500
CDR1 -B-510*---
51
F, G, J, K, M
BG, BP
200/500
Type
Rated temperature
Designation
Capacitance
Capacitance
and
WVDC
1/
in pF
tolerance
V/Temperature
CDR1 -B-560*---
56
F, G, J, K, M
BG, BP
200/500
CDR1 -B-620*---
62
F, G, J, K, M
BG, BP
200/500
CDR1 -B-680*---
68
F, G, J, K, M
BG, BP
200/500
CDR1 -B-750*---
75
F, G, J, K, M
BG, BP
200/500
CDR1 -B-820*---
82
F, G, J, K, M
BG, BP
200/500
CDR1 -B-910*---
91
F, G, J, K, M
BG, BP
200/500
CDR1 -B-101*---
100
F, G, J, K, M
BG, BP
200/500
CDR1 -B-111‡---
110
F, G, J, K, M
BG, BP
200/300
CDR1 -B-121‡---
120
F, G, J, K, M
BG, BP
200/300
CDR1 -B-131‡---
130
F, G, J, K, M
BG, BP
200/300
CDR1 -B-151‡---
150
F, G, J, K, M
BG, BP
200/300
CDR1 -B-161‡---
160
F, G, J, K, M
BG, BP
200/300
CDR1 -B-181‡---
180
F, G, J, K, M
BG, BP
200/300
CDR1 -B-201‡---
200
F, G, J, K, M
BG, BP
200/300
CDR1 -B-221C---
220
F, G, J, K, M
BG, BP
200
CDR1 -B-241C---
240
F, G, J, K, M
BG, BP
200
CDR1 -B-271C---
270
F, G, J, K, M
BG, BP
200
CDR1 -B-301C---
300
F, G, J, K, M
BG, BP
200
CDR1 -B-331C---
330
F, G, J, K, M
BG, BP
200
CDR1 -B-361C---
360
F, G, J, K, M
BG, BP
200
CDR1 -B-391C---
390
F, G, J, K, M
BG, BP
200
CDR1 -B-431C---
430
F, G, J, K, M
BG, BP
200
CDR1 -B-471C---
470
F, G, J, K, M
BG, BP
200
CDR1 -B-511B---
510
F, G, J, K, M
BG, BP
100
CDR1 -B-561B---
560
F, G, J, K, M
BG, BP
100
CDR1 -B-621B---
620
F, G, J, K, M
BG, BP
100
CDR1 -B-681A---
680
F, G, J, K, M
BG, BP
50
CDR1 -B-751A---
750
F, G, J, K, M
BG, BP
50
CDR1 -B-821A---
820
F, G, J, K, M
BG, BP
50
CDR1 -B-911A---
910
F, G, J, K, M
BG, BP
50
CDR1 -B-102A---
1000
F, G, J, K, M
BG, BP
50
CDR1 -B-112A---
1100
F, G, J, K, M
BP
50
CDR1 -B-122A---
1200
F, G, J, K, M
BP
50
CDR1 -B-132A---
1300
F, G, J, K, M
BP
50
CDR1 -B-152A---
1500
F, G, J, K, M
BP
50
CDR1 -B-162A---
1600
F, G, J, K, M
BP
50
CDR1 -B-182A---
1800
F, G, J, K, M
BP
50
CDR1 -B-202A---
2000
F, G, J, K, M
BP
50
CDR1 -B-222A---
2200
F, G, J, K, M
BP
50
CDR1 -B-242A---
2400
F, G, J, K, M
BP
50
CDR1 -B-272A---
2700
F, G, J, K, M
BP
50
CDR1 -B-302A---
3000
F, G, J, K, M
BP
50
CDR1 -B-332A---
3300
F, G, J, K, M
BP
50
CDR1 -B-362A---
3600
F, G, J, K, M
BP
50
CDR1 -B-392A---
3900
F, G, J, K, M
BP
50
CDR1 -B-432A---
4300
F, G, J, K, M
BP
50
CDR1 -B-472A---
4700
F, G, J, K, M
BP
50
CDR1 -B-502A---
5000
F, G, J, K, M
BP
50
CDR1 -B-512A---
5100
F, G, J, K, M
BP
50
1/Complete type designation will include additional symbols to indicate style,
voltage-temperature limits, capacitance tolerance (where applicable), termina-
tion finish (“M” or “N” for style CDR13, and “S”, “U”, “W”, “Y” or “Z” for style
CDR14) and failure rate level.
*C=200V; E=500V.
‡C=200V; D=300V.


Similar Part No. - CDR11BP101EJNM

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CDR11TR ADAM-TECH-CDR11TR Datasheet
117Kb / 1P
   .100 LATCHING HEADER & HOUSING
CDR11TS ADAM-TECH-CDR11TS Datasheet
117Kb / 1P
   .100 LATCHING HEADER & HOUSING
More results

Similar Description - CDR11BP101EJNM

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB7M3R6BAJME AVX-SQCB7M3R6BAJME Datasheet
914Kb / 7P
   Microwave MLC?셲
AQ147A120JAJME AVX-AQ147A120JAJME Datasheet
630Kb / 4P
   Microwave MLC?셲
AQ11EA380JA7WE AVX-AQ11EA380JA7WE Datasheet
630Kb / 4P
   Microwave MLC?셲 AQ Series
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
SQCB7M100JAT1A AVX-SQCB7M100JAT1A Datasheet
148Kb / 1P
   Microwave MLC?셲, SQ A Case & B Case Ultra Low ESR MLC
GH16 AVX-GH16 Datasheet
72Kb / 2P
   Microwave SLC?셲
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
550Z104KTT AVX-550Z104KTT Datasheet
1Mb / 7P
   RF/Microwave Capacitors RF/Microwave Multilayer Capacitors (MLC) 550-560 Series UBC™ Ultra-Broadband Capacitor
Rev 4
0805AA330KAT1A AVX-0805AA330KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips
1825CC104KAT1A AVX-1825CC104KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com