Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1210KR-0797R6L Datasheet(PDF) 9 Page - YAGEO Corporation

Part # SR1210KR-0797R6L
Description  ARRAY CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR1210KR-0797R6L Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button SR1210KR-0797R6L Datasheet HTML 4Page - YAGEO Corporation SR1210KR-0797R6L Datasheet HTML 5Page - YAGEO Corporation SR1210KR-0797R6L Datasheet HTML 6Page - YAGEO Corporation SR1210KR-0797R6L Datasheet HTML 7Page - YAGEO Corporation SR1210KR-0797R6L Datasheet HTML 8Page - YAGEO Corporation SR1210KR-0797R6L Datasheet HTML 9Page - YAGEO Corporation SR1210KR-0797R6L Datasheet HTML 10Page - YAGEO Corporation SR1210KR-0797R6L Datasheet HTML 11Page - YAGEO Corporation SR1210KR-0797R6L Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SERIES
YC/TC
102 to 358
Chip Resistor Surface Mount
www.yageo.com
Feb. 16, 2017 V.5
Product specification
9
12
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
YC102/104/122/162, TC122/124 Range:
-55℃ to +125℃ (Fig.13)
YC124/164/248/324/158T/358L/358T, TC164 Range:
-55℃ to +155℃(Fig.14)
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70℃
YC102/104 = 1/32 W
YC122/124/162/164/248/158T/358L/358T = 1/16 W
YC324 = 1/8 W
TC122/124/164 = 1/16 W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V= (PxR)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (Ω )
Fig. 14 Maximum dissipation (P) in percentage of rated power as a
function of the operating ambient temperature (Tamb)
Fig. 13 Maximum dissipation (P) in percentage of rated power as a
function of the operating ambient temperature (Tamb)


Similar Part No. - SR1210KR-0797R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR1210KR-0797R6L YAGEO-SR1210KR-0797R6L Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
More results

Similar Description - SR1210KR-0797R6L

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com