Electronic Components Datasheet Search |
|
CDR32BP102B Datasheet(PDF) 4 Page - AVX Corporation |
|
CDR32BP102B Datasheet(HTML) 4 Page - AVX Corporation |
4 / 4 page 108 MIL-PRF-55681/Chips Military Part Number Identification CDR33/34/35 CDR33/34/35 to MIL-PRF-55681/9/10/11 Military Rated temperature WVDC Type Capacitance Capacitance and voltage- Designation 1 / in pF tolerance temperature limits AVX Style 1210/CDR33 (BP) CDR33BP102B--- 1,000 F,J,K BP 100 CDR33BP112B--- 1,100 F,J,K BP 100 CDR33BP122B--- 1,200 F,J,K BP 100 CDR33BP132B--- 1,300 F,J,K BP 100 CDR33BP152B--- 1,500 F,J,K BP 100 CDR33BP162B--- 1,600 F,J,K BP 100 CDR33BP182B--- 1,800 F,J,K BP 100 CDR33BP202B--- 2,000 F,J,K BP 100 CDR33BP222B--- 2,200 F,J,K BP 100 CDR33BP242A--- 2,400 F,J,K BP 50 CDR33BP272A--- 2,700 F,J,K BP 50 CDR33BP302A--- 3,000 F,J,K BP 50 CDR33BP332A--- 3,300 F,J,K BP 50 AVX Style 1210/CDR33 (BX) CDR33BX153B--- 15,000 K,M BX 100 CDR33BX183B--- 18,000 K,M BX 100 CDR33BX223B--- 22,000 K,M BX 100 CDR33BX273B--- 27,000 K,M BX 100 CDR33BX393A--- 39,000 K,M BX 50 CDR33BX473A--- 47,000 K,M BX 50 CDR33BX563A--- 56,000 K,M BX 50 CDR33BX683A--- 68,000 K,M BX 50 CDR33BX823A--- 82,000 K,M BX 50 CDR33BX104A--- 100,000 K,M BX 50 AVX Style 1812/CDR34 (BP) CDR34BP222B--- 2,200 F,J,K BP 100 CDR34BP242B--- 2,400 F,J,K BP 100 CDR34BP272B--- 2,700 F,J,K BP 100 CDR34BP302B--- 3,000 F,J,K BP 100 CDR34BP332B--- 3,300 F,J,K BP 100 CDR34BP362B--- 3,600 F,J,K BP 100 CDR34BP392B--- 3,900 F,J,K BP 100 CDR34BP432B--- 4,300 F,J,K BP 100 CDR34BP472B--- 4,700 F,J,K BP 100 CDR34BP512A--- 5,100 F,J,K BP 50 CDR34BP562A--- 5,600 F,J,K BP 50 CDR34BP622A--- 6,200 F,J,K BP 50 CDR34BP682A--- 6,800 F,J,K BP 50 CDR34BP752A--- 7,500 F,J,K BP 50 CDR34BP822A--- 8,200 F,J,K BP 50 CDR34BP912A--- 9,100 F,J,K BP 50 CDR34BP103A--- 10,000 F,J,K BP 50 Military Rated temperature WVDC Type Capacitance Capacitance and voltage- Designation 1 / in pF tolerance temperature limits AVX Style 1812/CDR34 (BX) CDR34BX273B--- 27,000 K,M BX 100 CDR34BX333B--- 33,000 K,M BX 100 CDR34BX393B--- 39,000 K,M BX 100 CDR34BX473B--- 47,000 K,M BX 100 CDR34BX563B--- 56,000 K,M BX 100 CDR34BX104A--- 100,000 K,M BX 50 CDR34BX124A--- 120,000 K,M BX 50 CDR34BX154A--- 150,000 K,M BX 50 CDR34BX184A--- 180,000 K,M BX 50 AVX Style 1825/CDR35 (BP) CDR35BP472B--- 4,700 F,J,K BP 100 CDR35BP512B--- 5,100 F,J,K BP 100 CDR35BP562B--- 5,600 F,J,K BP 100 CDR35BP622B--- 6,200 F,J,K BP 100 CDR35BP682B--- 6,800 F,J,K BP 100 CDR35BP752B--- 7,500 F,J,K BP 100 CDR35BP822B--- 8,200 F,J,K BP 100 CDR35BP912B--- 9,100 F,J,K BP 100 CDR35BP103B--- 10,000 F,J,K BP 100 CDR35BP113A--- 11,000 F,J,K BP 50 CDR35BP123A--- 12,000 F,J,K BP 50 CDR35BP133A--- 13,000 F,J,K BP 50 CDR35BP153A--- 15,000 F,J,K BP 50 CDR35BP163A--- 16,000 F,J,K BP 50 CDR35BP183A--- 18,000 F,J,K BP 50 CDR35BP203A--- 20,000 F,J,K BP 50 CDR35BP223A--- 22,000 F,J,K BP 50 AVX Style 1825/CDR35 (BX) CDR35BX563B--- 56,000 K,M BX 100 CDR35BX683B--- 68,000 K,M BX 100 CDR35BX823B--- 82,000 K,M BX 100 CDR35BX104B--- 100,000 K,M BX 100 CDR35BX124B--- 120,000 K,M BX 100 CDR35BX154B--- 150,000 K,M BX 100 CDR35BX184A--- 180,000 K,M BX 50 CDR35BX224A--- 220,000 K,M BX 50 CDR35BX274A--- 270,000 K,M BX 50 CDR35BX334A--- 330,000 K,M BX 50 CDR35BX394A--- 390,000 K,M BX 50 CDR35BX474A--- 470,000 K,M BX 50 1 / The complete part number will include additional symbols to indicate capacitance tolerance, termination and failure rate level. Add appropriate failure rate Add appropriate termination finish Capacitance Tolerance Add appropriate failure rate Add appropriate termination finish Capacitance Tolerance |
Similar Part No. - CDR32BP102B |
|
Similar Description - CDR32BP102B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |