Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC94A14F Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TC94A14F
Description  Digital Servo Single-Chip Processor for Use in CD Player
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A14F Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC94A14F Datasheet HTML 6Page - Toshiba Semiconductor TC94A14F Datasheet HTML 7Page - Toshiba Semiconductor TC94A14F Datasheet HTML 8Page - Toshiba Semiconductor TC94A14F Datasheet HTML 9Page - Toshiba Semiconductor TC94A14F Datasheet HTML 10Page - Toshiba Semiconductor TC94A14F Datasheet HTML 11Page - Toshiba Semiconductor TC94A14F Datasheet HTML 12Page - Toshiba Semiconductor TC94A14F Datasheet HTML 13Page - Toshiba Semiconductor TC94A14F Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TC94A14F/FA/FB
2002-11-18
10
3.
DATA, CLCK Input/Output Timing
(1)
CLCK input mode (regardless of setting of HS and UHS bits of SPEED command)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
“H” level
tHW
¾
50
¾
¾
Clock pulse width
“L” level
tLW
¾
CLCK input mode
50
¾
¾
Input setup time
tSU
¾
CLCK input mode
¾
¾
¾
Transfer time (1)
“L” level
tpHL1
¾
CLCK input mode
¾
¾
5
“H” level
tpLH52
¾
¾
¾
15
“L” level
tpHL52
¾
CLCK input mode
¾
¾
15
“H” level
tpLH52
¾
¾
¾
20
Transfer time (2)
“L” level
tpHL52
¾
VDD5 = 3.3 V
¾
¾
20
ns
(2)
CLCK output mode (tHW, tLW, tpLH3 only, ´ 1/n at ´n speed)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
“H” level
tHW
¾
¾
¾
950
Clock pulse width
“L” level
tLW
¾
CLCK output mode
¾
¾
950
Transfer time (1)
“L” level
tpHL1
¾
CLCK output mode
¾
¾
5
“H” level
tpLH52
¾
¾
¾
15
“L” level
tpHL52
¾
CLCK output mode
¾
¾
15
“H” level
tpLH32
¾
¾
¾
20
Transfer time (2)
“L” level
tpHL32
¾
VDD5 = 3.3 V
¾
¾
20
Transfer time (3)
“H” level
tpLH3
¾
CLCK output mode
¾
¾
850
ns
SUBQ
SUBP
SFSY
CLCK
DATA
tpHL1
tpHL52, tpLH52
tHW
tSU
tLW
tpHL32, tpLH32
SUBQ
SUBP
SFSY
CLCK
DATA
tpHL1
tpHL52, tpLH52
tHW
tpLH3
tLW
tpHL32, tpLH32


Similar Part No. - TC94A14F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC94A04AF TOSHIBA-TC94A04AF Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFD TOSHIBA-TC94A04AFD Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFDG TOSHIBA-TC94A04AFDG Datasheet
702Kb / 42P
   1 chip Audio Digital Processor
TC94A04AFG TOSHIBA-TC94A04AFG Datasheet
702Kb / 42P
   1 chip Audio Digital Processor
TC94A09F TOSHIBA-TC94A09F Datasheet
270Kb / 19P
   Single-Chip CD Processor with Built-in Controller
More results

Similar Description - TC94A14F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9490F TOSHIBA-TC9490F Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
logo
Sony Corporation
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
logo
Mitsubishi Electric Sem...
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
   CD Player Digital Signal Processor
M50427FP MITSUBISHI-M50427FP Datasheet
848Kb / 17P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
M65821FP MITSUBISHI-M65821FP Datasheet
1Mb / 24P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
M65824AFP MITSUBISHI-M65824AFP Datasheet
182Kb / 23P
   CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
logo
Toshiba Semiconductor
TC9462F TOSHIBA-TC9462F_01 Datasheet
228Kb / 17P
   Digital Servo Single Chip Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com