Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFLC15FE4427 Datasheet(PDF) 7 Page - AVX Corporation

Part # FFLC15FE4427
Description  Medium Power Film Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFLC15FE4427 Datasheet(HTML) 7 Page - AVX Corporation

  FFLC15FE4427 Datasheet HTML 1Page - AVX Corporation FFLC15FE4427 Datasheet HTML 2Page - AVX Corporation FFLC15FE4427 Datasheet HTML 3Page - AVX Corporation FFLC15FE4427 Datasheet HTML 4Page - AVX Corporation FFLC15FE4427 Datasheet HTML 5Page - AVX Corporation FFLC15FE4427 Datasheet HTML 6Page - AVX Corporation FFLC15FE4427 Datasheet HTML 7Page - AVX Corporation FFLC15FE4427 Datasheet HTML 8Page - AVX Corporation FFLC15FE4427 Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
48
JUNE 2015
Medium Power Film Capacitors
FFLC
TABLE OF VALUES
Part Number
Capacitance
Width
Height
Rs
Irms Thermal 1
Irms Thermal 2
(μF)
(
mm)
(
mm)
(mΩ)
(A)
(A)
Un = 1000Vdc
FFLC11 * MC3167
3,160
100
245
0.30
253
287
FFLC12 * MC4027
4,020
100
315
0.26
314
358
FFLC21 * MC4337
4,330
125
245
0.33
232
258
FFLC13 * MC5177
5,170
100
385
0.23
385
400
FFLC31 * MC5517
5,510
150
245
0.37
215
237
FFLC22 * MC5527
5,520
125
315
0.28
291
326
FFLC14 * MC6037
6,030
100
455
0.21
400
400
FFLC41 * MC6647
6,640
175
245
0.40
202
223
FFLC32 * MC7017
7,010
150
315
0.31
269
299
FFLC23 * MC7097
7,090
125
385
0.24
358
400
FFLC15 * MC7187
7,180
100
525
0.19
400
400
FFLC16 * MC8047
8,040
100
595
0.18
400
400
FFLC24 * MC8277
8,270
125
455
0.22
400
400
FFLC42 * MC8467
8,460
175
315
0.34
255
279
FFLC33 * MC9027
9,020
150
385
0.26
334
372
FFLC25 * MC9857
9,850
125
525
0.20
400
400
FFLC34 * MC1058
10,500
150
455
0.24
382
400
FFLC43 * MC1098
10,900
175
385
0.29
317
351
FFLC26 * MC1108
11,000
125
595
0.19
400
400
FFLC35 * MC1258
12,500
150
525
0.22
400
400
FFLC44 * MC1278
12,700
175
455
0.26
362
400
FFLC36 * MC1408
14,000
150
595
0.21
400
400
FFLC45 * MC1518
15,100
175
525
0.23
400
400
FFLC46 * MC1698
16,900
175
595
0.22
400
400
Un = 1100Vdc
FFLC11 * MD2537
2,530
100
245
0.33
243
276
FFLC12 * MD3227
3,220
100
315
0.28
303
345
FFLC21 * MD3487
3,480
125
245
0.36
223
248
FFLC13 * MD4147
4,140
100
385
0.24
373
400
FFLC31 * MD4427
4,420
150
245
0.40
206
227
FFLC22 * MD4437
4,430
125
315
0.31
280
314
FFLC14 * MD4837
4,830
100
455
0.22
400
400
FFLC41 * MD5347
5,340
175
245
0.44
194
214
FFLC32 * MD5637
5,630
150
315
0.34
259
288
FFLC23 * MD5697
5,690
125
385
0.26
346
392
FFLC15 * MD5757
5,750
100
525
0.20
400
400
FFLC16 * MD6447
6,440
100
595
0.19
400
400
FFLC24 * MD6647
6,640
125
455
0.24
395
400
FFLC42 * MD6797
6,790
175
315
0.37
245
269
FFLC33 * MD7247
7,240
150
385
0.28
323
359
FFLC25 * MD7907
7,900
125
525
0.22
400
400
FFLC34 * MD8447
8,440
150
455
0.26
370
400
FFLC43 * MD8737
8,730
175
385
0.31
306
339
FFLC26 * MD8857
8,850
125
595
0.20
400
400
FFLC35 * MD1018
10,100
150
525
0.23
400
400
FFLC44 * MD1028
10,200
175
455
0.28
350
388
FFLC36 * MD1138
11,300
150
595
0.22
400
400
FFLC45 * MD1218
12,100
175
525
0.25
400
400
FFLC46 * MD1368
13,600
175
595
0.23
400
400
* Insert F for female terminals or M for male terminals


Similar Part No. - FFLC15FE4427

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FFL MSYSTEM-FFL Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FFL-66-K MSYSTEM-FFL-66-K Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FFL-66-K/Q MSYSTEM-FFL-66-K/Q Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FFL-66-L MSYSTEM-FFL-66-L Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FFL-66-L/Q MSYSTEM-FFL-66-L/Q Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FFLC15FE4427

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com