Electronic Components Datasheet Search |
|
CDR35BP183A Datasheet(PDF) 1 Page - AVX Corporation |
|
CDR35BP183A Datasheet(HTML) 1 Page - AVX Corporation |
1 / 4 page 105 MIL-PRF-55681/Chips Part Number Example CDR31 thru CDR35 T W L D t MILITARY DESIGNATION PER MIL-PRF-55681 Part Number Example (example) CDR31 BP 101 B K S M MIL Style Voltage-temperature Limits Capacitance Rated Voltage Capacitance Tolerance Termination Finish Failure Rate MIL Style: CDR31, CDR32, CDR33, CDR34, CDR35 Voltage Temperature Limits: BP = 0 ± 30 ppm/°C without voltage; 0 ± 30 ppm/°C with rated voltage from -55°C to +125°C BX = ±15% without voltage; +15 –25% with rated voltage from -55°C to +125°C Capacitance: Two digit figures followed by multiplier (number of zeros to be added) e.g., 101 = 100 pF Rated Voltage: A = 50V, B = 100V Capacitance Tolerance: B ± .10 pF, C ± .25 pF, D ± .5 pF, F ± 1%, J ± 5%, K ± 10%, M ± 20% Termination Finish: Termination Finish: M = Palladium silver N = Silver-nickel-gold S = Solder coated final with a minimum of 4 percent lead T = Silver U = Base metallization-barrier metal-solder coated (tin/lead alloy, with a minimum of 4 percent lead) W = Base metallization-barrier metal-tinned (tin or tin/lead alloy) Y = Base metallization-barrier metal-tin (100 percent) Z = Base metallization-barrier metal-tinned (tin/lead alloy, with a minimum of 4 percent lead) *See MIL-PRF-55681 Specification for more details Failure Rate Level: M = 1.0%, P = .1%, R = .01%, S = .001% Packaging: Bulk is standard packaging. Tape and reel per RS481 is available upon request. Per MIL-PRF-55681 AVX Length (L) Width (W) Thickness (T) D Termination Band (t) (Metric Sizes) Style (mm) (mm) Max. (mm) Min. (mm) Max. (mm) Min. (mm) CDR31 0805 2.00 1.25 1.3 .50 .70 .30 CDR32 1206 3.20 1.60 1.3 — .70 .30 CDR33 1210 3.20 2.50 1.5 — .70 .30 CDR34 1812 4.50 3.20 1.5 — .70 .30 CDR35 1825 4.50 6.40 1.5 — .70 .30 NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers. CROSS REFERENCE: AVX/MIL-PRF-55681/CDR31 THRU CDR35 Not RoHS Compliant |
Similar Part No. - CDR35BP183A |
|
Similar Description - CDR35BP183A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |