Electronic Components Datasheet Search |
|
CDR11BG101EBTM Datasheet(PDF) 1 Page - AVX Corporation |
|
CDR11BG101EBTM Datasheet(HTML) 1 Page - AVX Corporation |
1 / 8 page 8 212 L W T L W T A 470J 100J CDR13/14 CDR11/12 bw bw Per MIL-C-55681 AVX Length (L) Width (W) Thickness (T) Termination Band (bw) Style Max Min Max Min CDR11 AQ11 .055±.015 .055±.015 .057 .020 .020 .005 (1.40±.381) (1.40±.381) (1.45) (.508) (.508) (.127) CDR12 AQ12 .055±.025 .055±.015 .057 .020 .020 .005 (1.40±.635) (1.40±.381) (1.45) (.508) (.508) (.127) CDR13 AQ13 .110±.020 .110±.020 .102 .030 .025 .005 (2.79±.508) (2.79±.508) (2.59) (.762) (.635) (.127) CDR14 AQ14 .110 +.035 -0.020 .110±.020 .102 .030 .025 .005 (2.79 +.889 -.508) (2.79±.508) (2.59) (.762) (.635) (.127) CROSS REFERENCE: AVX/MIL-PRF-55681 Microwave MLC’s CDR Series — MIL-PRF-55681 (RF/Microwave Chips) MILITARY DESIGNATION PER MIL-PRF-55681 CDR12 MIL Style CDR11, CDR12, CDR13, CDR14 BG Voltage Temperature Limits 101 Capacitance A Rated Voltage Code A = 50V B = 100V C = 200V D = 300V E = 500V K Capacitance Tolerance Code B = ±.1 pF C = ±.25 pF D = ±.5 pF F = ±1% G = ±2% J = ±5% K = ±10% M = ±20% U Termination Finish (Military Designations) Code S Failure Rate Level M = 1.0% P = .1% R = .01% S = .001% HOW TO ORDER BG = +90±20 ppm/°C with and without rated voltage from -55°C to + 125°C BP = 0±30ppm/°C with and without rated voltage from -55°C to +125°C M = Palladium silver N = Silver-nickel-gold S = Solder coated final with a minimum of 4 percent lead T = Silver U = Base metallization-barrier metal-solder coated (tin/lead alloy, with a minimum of 4 percent lead) W = Base metallization-barrier metal-tinned (tin or tin/lead alloy) Y = Base metallization-barrier metal-tin (100 per- cent) Z = Base metallization-barrier metal-tinned (tin/lead alloy, with a minimum of 4 percent lead) *See MIL-PRF-55681 Specification for more details EIA Capacitance Code in pF. First two digits = significant figures or “R” for decimal place. Third digit = number of zeros or after “R” significant figures. PACKAGING Standard Packaging Quanity CDR11-12 = 100 pcs per waffle pack CDR13-14 = 80 pcs per waffle pack TAPE & REEL: All tape and reel specifications are in compliance with EIA RS481 (equivalent to IEC 286 part 3). Sizes SQCA through SQCB, CDR11/12 through 13/14. —8mm carrier —7" reel: ≤0.040" thickness = 2000 pcs ≤0.075" thickness = 2000 pcs —13" reel: ≤0.075" thickness = 10,000 pcs Not RoHS Compliant LEAD-FREE COMPATIBLE COMPONENT For RoHS compliant products, please select correct termination style. |
Similar Part No. - CDR11BG101EBTM |
|
Similar Description - CDR11BG101EBTM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |