Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP23N80K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP23N80K5
Description  N-channel 800 V, 0.23typ., 16 A MDmesh??K5 Power MOSFET in a TO-220 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP23N80K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP23N80K5 Datasheet HTML 3Page - STMicroelectronics STP23N80K5 Datasheet HTML 4Page - STMicroelectronics STP23N80K5 Datasheet HTML 5Page - STMicroelectronics STP23N80K5 Datasheet HTML 6Page - STMicroelectronics STP23N80K5 Datasheet HTML 7Page - STMicroelectronics STP23N80K5 Datasheet HTML 8Page - STMicroelectronics STP23N80K5 Datasheet HTML 9Page - STMicroelectronics STP23N80K5 Datasheet HTML 10Page - STMicroelectronics STP23N80K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STP23N80K5
Electrical characteristics
DocID028451 Rev 1
7/13
Figure 8: Capacitance variations
Figure 9: Normalized gate threshold voltage
vs temperature
Figure 10: Normalized on-resistance vs
temperature
Figure 11: Normalized V(BR)DSS vs
temperature
Figure 12: Maximum avalanche energy vs temperature


Similar Part No. - STP23N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP23NM50N STMICROELECTRONICS-STP23NM50N Datasheet
867Kb / 21P
   N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
logo
Inchange Semiconductor ...
STP23NM50N ISC-STP23NM50N Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP23NM60N STMICROELECTRONICS-STP23NM60N Datasheet
554Kb / 19P
   N-channel 600 V - 0.150 廓 - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh??Power MOSFET
STP23NM60ND STMICROELECTRONICS-STP23NM60ND Datasheet
343Kb / 15P
   N-channel 600 V - 0.150 廓 - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh??II Power MOSFET
STP23NM60ND STMICROELECTRONICS-STP23NM60ND Datasheet
820Kb / 18P
   N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) D짼PAK, I짼PAK, TO-220, TO-220FP, TO-247
More results

Similar Description - STP23N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF23N80K5 STMICROELECTRONICS-STF23N80K5 Datasheet
714Kb / 13P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-220FP package
August 2015 Rev 1
STW23N80K5 STMICROELECTRONICS-STW23N80K5 Datasheet
699Kb / 12P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-247 package
August 2015 Rev 1
STB23N80K5 STMICROELECTRONICS-STB23N80K5 Datasheet
903Kb / 15P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a D짼PAK package
August 2015 Rev 1
STP10LN80K5 STMICROELECTRONICS-STP10LN80K5 Datasheet
741Kb / 14P
   N-channel 800 V, 0.55 typ., 8 A MDmesh K5 Power MOSFET in a TO-220 package
STF10LN80K5 STMICROELECTRONICS-STF10LN80K5 Datasheet
714Kb / 14P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 3
STP5N80K5 STMICROELECTRONICS-STP5N80K5 Datasheet
723Kb / 13P
   N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220 package
STP7N90K5 STMICROELECTRONICS-STP7N90K5 Datasheet
729Kb / 13P
   N-channel 900 V, 0.72 廓 typ., 7 A MDmesh??K5 Power MOSFET in a TO-220 package
October 2016 Rev 1
STF7LN80K5 STMICROELECTRONICS-STF7LN80K5 Datasheet
709Kb / 13P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 1
STW65N80K5 STMICROELECTRONICS-STW65N80K5 Datasheet
713Kb / 12P
   N-channel 800 V, 0.07 廓 typ., 46 A MDmesh??K5 Power MOSFET in a TO-247 package
October 2015 Rev 2
STP8N90K5 STMICROELECTRONICS-STP8N90K5 Datasheet
707Kb / 13P
   N-channel 900 V, 0.60 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220 package
November 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com