Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP105N3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP105N3LL
Description  Low gate drive power losses
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP105N3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STP105N3LL Datasheet HTML 1Page - STMicroelectronics STP105N3LL Datasheet HTML 2Page - STMicroelectronics STP105N3LL Datasheet HTML 3Page - STMicroelectronics STP105N3LL Datasheet HTML 4Page - STMicroelectronics STP105N3LL Datasheet HTML 5Page - STMicroelectronics STP105N3LL Datasheet HTML 6Page - STMicroelectronics STP105N3LL Datasheet HTML 7Page - STMicroelectronics STP105N3LL Datasheet HTML 8Page - STMicroelectronics STP105N3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
April 2014
DocID023976 Rev 2
1/13
STP105N3LL
N-channel 30 V, 2.7 m
Ω typ., 150 A, STripFET™ VI DeepGATE™
Power MOSFET in a TO-220 package
Datasheet
production data
Figure 1. Internal schematic diagram
Features
• R
DS(on)
* Q
g
industry benchmark
• Extremely low on-resistance R
DS(on)
• High avalanche ruggedness
• Low gate drive power losses
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using the 6
th
generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest R
DS(on)
in all packages.
TO-220
1
2
3
TAB
Order code
VDS
RDS(on) max.
ID
STP105N3LL
30 V
3.5 m
150 A
Table 1. Device summary
Order code
Marking
Packages
Packaging
STP105N3LL
105N3LL
TO-220
Tube
www.st.com


Similar Part No. - STP105N3LL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP105N3LL ISC-STP105N3LL Datasheet
318Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP105N3LL VBSEMI-STP105N3LL Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STP105N3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL13DP10F6 STMICROELECTRONICS-STL13DP10F6 Datasheet
592Kb / 14P
   Low gate drive power losses
May 2014 Rev 2
STS20N3LLH6 STMICROELECTRONICS-STS20N3LLH6 Datasheet
548Kb / 13P
   Low gate drive power losses
STD35N3LH5 STMICROELECTRONICS-STD35N3LH5 Datasheet
872Kb / 15P
   Low gate drive power losses
May 2011 Rev 2
STS3P6F6 STMICROELECTRONICS-STS3P6F6 Datasheet
933Kb / 16P
   Low gate drive power losses
July 2014 Rev 2
STT6N3LLH6 STMICROELECTRONICS-STT6N3LLH6 Datasheet
1Mb / 12P
   Low gate drive power losses
March 2014 Rev 3
STR2N2VH5 STMICROELECTRONICS-STR2N2VH5 Datasheet
882Kb / 13P
   Low gate drive power loss
July 2014 Rev 4
logo
Advanced Power Electron...
AP2531GY-HF A-POWER-AP2531GY-HF_14 Datasheet
125Kb / 7P
   Low Gate Charge Drive
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
logo
Vishay Siliconix
V10P45S-M3 VISHAY-V10P45S-M3 Datasheet
90Kb / 5P
   Low forward voltage drop, low power losses
Revision: 28-Nov-13
V15P8-M3 VISHAY-V15P8-M3 Datasheet
97Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com